Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7609BSTZ Datasheet(PDF) 32 Page - Analog Devices

Part # AD7609BSTZ
Description  8-Channel Differential DAS
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7609BSTZ Datasheet(HTML) 32 Page - Analog Devices

Back Button AD7609BSTZ Datasheet HTML 28Page - Analog Devices AD7609BSTZ Datasheet HTML 29Page - Analog Devices AD7609BSTZ Datasheet HTML 30Page - Analog Devices AD7609BSTZ Datasheet HTML 31Page - Analog Devices AD7609BSTZ Datasheet HTML 32Page - Analog Devices AD7609BSTZ Datasheet HTML 33Page - Analog Devices AD7609BSTZ Datasheet HTML 34Page - Analog Devices AD7609BSTZ Datasheet HTML 35Page - Analog Devices AD7609BSTZ Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
Data Sheet
AD7609
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
10V RANGE
OS BY 8
Figure 56. Digital Filter Response for OS × 8
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
10V RANGE
OS BY 16
Figure 57. Digital Filter Response for OS × 16
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
10V RANGE
OS BY 32
Figure 58. Digital Filter Response for OS × 32
0
–10
–20
–30
–40
–50
–60
–70
–80
100
1k
10k
100k
10M
1M
–100
–90
FREQUENCY (Hz)
AVCC = 5V
VDRIVE = 5V
TA = 25°C
10V RANGE
OS BY 64
Figure 59. Digital Filter Response for OS × 64
Rev. B | Page 31 of 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com