Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9856 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9856 Datasheet HTML 17Page - Analog Devices AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices AD9856 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
AD9856
Rev. C | Page 20 of 36
HALF-BAND FILTERS (HBFS)
Before presenting a detailed description of the HBFs, recall that
the input data stream is representative of complex data; i.e., two
input samples are required to produce one I/Q data pair. The
I/Q sample rate is one-half the input data rate. The I/Q sample
rate (the rate at which I or Q samples are presented to the input
of the first half-band filter) is referred to as fIQ. Because the
AD9856 is a quadrature modulator, fIQ represents the baseband
of the internal I/Q sample pairs. It should be emphasized here
that fIQ is not the same as the baseband of the user’s symbol rate
data, which must be upsampled before presentation to the
AD9856 (as is explained later). The I/Q sample rate (fIQ) puts
a limit on the minimum bandwidth necessary to transmit the
fIQ spectrum. This is the familiar Nyquist limit and is equal to
one half fIQ, which is referred to as fNYQ.
HBF 1 is a 47-tap filter that provides a factor-of-two increase in
the sampling rate. HBF 2 is a 15-tap filter offering an additional
factor-of-two increase in the sampling rate. Together, HBF 1
and HBF 2 provide a factor-of-four increase in the sampling
rate (4 × fIQ or 8 × fNYQ). Their combined insertion loss is a mere
0.01 dB, so virtually no loss of signal level occurs through the
first two HBFs. HBF 3 is an 11-tap filter and, if selected,
increases the sampling rate by an additional factor of two. Thus,
the output sample rate of HBF 3 is 8 × fIQ or 16 × fNYQ. HBF 3
exhibits 0.03 dB of signal-level loss. As such, the loss in signal
level through all three HBFs is only 0.04 dB and may be ignored
for all practical purposes.
In relation to phase response, all three HBFs are linear phase
filters. As such, virtually no phase distortion is introduced
within the pass band of the filters. This is an important feature
as phase distortion is generally intolerable in a data
transmission system.
In addition to knowledge of the insertion loss and phase
response of the HBFs, some knowledge of the frequency
response of the HBFs is useful as well. The combined frequency
response of HBF 1 and 2 is shown in Figure 31 and Figure 32.
The usable bandwidth of the filter chain puts a limit on the
maximum data rate that can be propagated through the device.
A look at the pass-band detail of the HBF 1 and HFB 2 response
indicates that to maintain an amplitude error of no more than
1 dB, users are restricted to signals having a bandwidth of no
more than about 90% of fNYQ. To keep the bandwidth of the data
in the flat portion of the filter pass band, users must oversample
the baseband data by at least a factor of two prior to presenting
it to the AD9856. Without over-sampling, the Nyquist band-
width of the baseband data corresponds to the fNYQ. As such,
the upper end of the data bandwidth suffers 6 dB or more of
attenuation due to the frequency response of HBF 1 and HBF 2.
Furthermore, if the baseband data applied to the AD9856 has
been pulse shaped, there is an additional concern. Typically,
pulse shaping is applied to the baseband data via a filter having
a raised cosine response. In such cases, an α value is used to
modify the bandwidth of the data where the value of α is such
that 0 ≤ α ≤ 1. A value of 0 causes the data bandwidth to
correspond to the Nyquist bandwidth. A value of 1 causes the
data bandwidth to be extended to twice the Nyquist bandwidth.
Thus, with 2× oversampling of the baseband data and α = 1,
the Nyquist bandwidth of the data corresponds with the I/Q
Nyquist bandwidth. As stated earlier, this results in problems
near the upper edge of the data bandwidth due to the frequency
response of HBF 1 and 2.
–100
–90
–70
–30
–10
10
–50
–80
–40
–20
0
–60
2.0
1.5
0.5
1.0
0
2.5
3.0
3.5
4.0
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
Figure 31. Half-Band 1 and 2 Frequency Response
–6
–5
–4
–3
–2
–1
0
1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
Figure 32. Pass-Band Detail: Combined Frequency Response of HBF 1 and 2
To reiterate, the user must oversample the baseband data by at
least a factor of two (2). In addition, there is a further restriction
on pulse shaping—the maximum value of α that can be imple-
mented is 0.8. This is because the data bandwidth becomes
1/2(1 + α) fNYQ = 0.9 fNYQ, which puts the data bandwidth at the
extreme edge of the flat portion of the filter response. If a
particular application requires an α value between 0.8 and 1,
then the user must oversample the baseband data by at least a
factor of four (4).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com