Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9857ASTZ Datasheet(PDF) 39 Page - Analog Devices

Part # AD9857ASTZ
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857ASTZ Datasheet(HTML) 39 Page - Analog Devices

Back Button AD9857ASTZ Datasheet HTML 33Page - Analog Devices AD9857ASTZ Datasheet HTML 34Page - Analog Devices AD9857ASTZ Datasheet HTML 35Page - Analog Devices AD9857ASTZ Datasheet HTML 36Page - Analog Devices AD9857ASTZ Datasheet HTML 37Page - Analog Devices AD9857ASTZ Datasheet HTML 38Page - Analog Devices AD9857ASTZ Datasheet HTML 39Page - Analog Devices AD9857ASTZ Datasheet HTML 40Page - Analog Devices AD9857ASTZ Datasheet HTML 41Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
AD9857
Rev. C | Page 38 of 40
OUTLINE DIMENSIONS
1.45
1.40
1.35
0.15
0.05
61
60
1
80
20
41
21
40
TOP VIEW
(PINS DOWN)
PIN 1
SEATING
PLANE
VIEW A
1.60
MAX
0.75
0.60
0.45
0.20
0.09
0.10 MAX
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
10°
6°
2°
7°
3.5°
0°
14.00
BSC SQ
16.00
BSC SQ
0.65
BSC
0.38
0.32
0.22
COMPLIANT TO JEDEC STANDARDS MS-026-BEC
Figure 38. 80-Lead Quad Flatpack
(ST-80)
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com