Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S5000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S5000
Description  TECHNICAL DATA SHEET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S5000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S5000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE71S5000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
TECHNICAL DATA SHEET
Performance by Frequency
Description
Frequency
Min.
Typ.
Max.
Units
DC - 4.0 GHz
1.8
2.3
dB
DC - 12.0 GHz
DC - 16.0 GHz
2.0
2.5
2.5
3.5
dB
DC - 20.0 GHz
4
4.9
dB
DC - 4.0 GHz
41
46
dB
DC - 8.0 GHz
35
40
dB
DC - 20.0 GHz
25
35
dB
Return Loss
“On State”
DC - 12.0 GHz
DC - 20.0 GHz
15
10
dB
dB
DC - 10.0 GHz
20
dB
DC - 15.0 GHz
15
dB
DC - 20.0 GHz
10
dB
Input Power For 1 dB Compression
0.5 - 20.0 GHz
+20
+23
dBm
Input Third Order Intercept
0.5 - 10.0 GHz
+48
dBm
(Two-Tone Input Power= +7 dBm Each Tone)
0.5 - 20.0 GHz
+45
dBm
Switching Characteristics
Trise, Tfall (10/90% RF)
1.3
ns
Ton, Toff (50% Ctl To 10/90% RF)
5
ns
Switching Transients
DC - 20 GHz
20
mVpp
Insertion Loss
Isolation
Return Loss RF1, RF2
“Off State”
DC - 20 GHz
TTL Logic Table
Absolute Maximum Rating
Mechanical Specifications
Size
Length
0.89 in [22.61 mm]
Width/Dia.
0.68 in [17.27 mm]
Height
0.235 in [5.97 mm]
.
Weight
0.079 lbs [35.83 g]
PE71S5000
PE71S5000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 35 dB High Isolation SPDT PIN Diode Switch DC to 20 GHz, 4 dB Insertion Loss with SMA
PE71S5000
35 dB High Isolation SPDT PIN Diode Switch DC
to 20 GHz, 4 dB Insertion Loss with SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com