Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6249 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6249
Description  PIN Diode Switches Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6249 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6249 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6249 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
10
100
190
280
370
460
550
640
730
820
910
1000
MHz
Isolation
Absorptive SP4T PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up to 0.1 Watts (+20 dBm) and Field Replaceable
SMA from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Absorptive SP4T PIN Diode Switch Operating From 10 MHz to 1,000 MHz Up to 0.1 Watts (+20
dBm) and Field Replaceable SMA PE71S6249
URL: https://www.pasternack.com/absorptive-sp4t-pin-diode-switch-1000-mhz-20-dbm-sma-pe71s6249-p.aspx
PE71S6249 REV 1.0
PIN Diode Switches Technical Data Sheet
PE71S6249
Absorptive SP4T PIN Diode Switch Operating From 10 MHz to
1,000 MHz Up to 0.1 Watts (+20 dBm) and Field Replaceable SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com