Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL52055 Datasheet(PDF) 1 Page - Texas Instruments

Part # TL52055
Description  WIDE BANDWIDTH 2 INPUT 1 OUTPUT 3-CIRCUIT VIDEO SWITCH
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL52055 Datasheet(HTML) 1 Page - Texas Instruments

  TL52055 Datasheet HTML 1Page - Texas Instruments TL52055 Datasheet HTML 2Page - Texas Instruments TL52055 Datasheet HTML 3Page - Texas Instruments TL52055 Datasheet HTML 4Page - Texas Instruments TL52055 Datasheet HTML 5Page - Texas Instruments TL52055 Datasheet HTML 6Page - Texas Instruments TL52055 Datasheet HTML 7Page - Texas Instruments TL52055 Datasheet HTML 8Page - Texas Instruments TL52055 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TL52055
WIDEBANDWIDTH, 2INPUT, 1OUTPUT
3CIRCUIT VIDEO SWITCH
SCDS169 − MAY 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Functionally Similar to M52055, NJM2283,
MM1231, and BA7602
D VCC Operating Range From 4.5 V to 9 V
D Wide Frequency Range (0 dB at 40 MHz,
VCC = 5 V)
D Crosstalk (−75 dB at 4.43 MHz)
D BiCMOS Technology
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Performance Tested Per JESD 22
− 2000-V Human-Body Model (A114-B,
Class II)
− 1000-V Charged-Device Model (C101)
D Applications
− Digital TV, LCD TV, PDP TV, and CRT TV
− VCR, Projector, and DVD Player
description/ordering information
The TL52055 is a wide-bandwidth, 2-input, 1-output, 3-circuit video switch. All inputs are bias types. The select
(1C, 2C, 3C) inputs control the signal path of A port and B port. The device can be used for switching separate
video signals and component-video signals and is suitable for DTV, LCD, PDP, and other high-quality AV
systems. The device provides no loss (0 dB) up to 40 MHz and has a very low crosstalk.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
SOIC − D
Tube
TL52055D
TL52055
−40
°C to 85°C
SOIC − D
Tape and reel
TL52055DR
TL52055
−40 C to 85 C
TSSOP − PW
Tape and reel
TL52055PWR
ZA055
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
INPUT
ON CHANNEL
INPUT
C
ON CHANNEL
L
H
OPEN
A port to Y port
B port to Y port
A port to Y port
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1C
1Y
GND2
2Y
3Y
3C
3A
1A
GND1
2B
VCC
2C
2A
GND3
3B
D OR PW PACKAGE
(TOP VIEW)
Copyright
 2004, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TL52055

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL52055 TI-TL52055 Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055D TI-TL52055D Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055DR TI-TL52055DR Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055DRE4 TI-TL52055DRE4 Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
TL52055DRG4 TI-TL52055DRG4 Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
More results

Similar Description - TL52055

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
2-INPUT 1-OUTPUT VIDEO SWITCH???
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1231 MITSUMI-MM1231 Datasheet
143Kb / 7P
2-Input 1-Output 3-Circuit Video Switch Monolithic IC
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2585 NJRC-NJM2585 Datasheet
1Mb / 13P
WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
NJM2586A NJRC-NJM2586A Datasheet
562Kb / 9P
WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
logo
Mitsumi Electronics, Co...
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
MM1238 MITSUMI-MM1238 Datasheet
91Kb / 6P
3-Input 2-Output 3-Circuit Video Switch
logo
Texas Instruments
TL52055 TI-TL52055_07 Datasheet
220Kb / 11P
WIDE-BANDWIDTH,2-INPUT,1-OUTPUT 3-CIRCUIT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com