Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4476 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4476
Description  Dual Low-Drop Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4476 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4476 Datasheet HTML 1Page - Infineon Technologies AG TLE4476 Datasheet HTML 2Page - Infineon Technologies AG TLE4476 Datasheet HTML 3Page - Infineon Technologies AG TLE4476 Datasheet HTML 4Page - Infineon Technologies AG TLE4476 Datasheet HTML 5Page - Infineon Technologies AG TLE4476 Datasheet HTML 6Page - Infineon Technologies AG TLE4476 Datasheet HTML 7Page - Infineon Technologies AG TLE4476 Datasheet HTML 8Page - Infineon Technologies AG TLE4476 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Data Sheet Rev. 2.3
1
2002-02-20
Dual Low-Drop Voltage Regulator
TLE 4476
P-TO252-5-1
Features
• Output 1: 350 mA; 3.3 V
± 4%
• Output 2: 430 mA; 5.0 V
± 4%
• Enable input for output 2
• Low quiescent current in OFF state
• Wide operation range: up to 42 V
• Reverse battery protection: up to 42 V
• Output protected against short circuit
• Wide temperature range: – 40
°C to 170 °C
• Over-voltage protection up to 65 V (< 400 ms)
• Over-temperature protection
• Over-load protection
 New type
Functional Description
The TLE 4476 is a monolithic integrated voltage regulator providing two output voltages,
Q1 is a 3.3 V output for loads up to 350 mA and Q2 is a 5 V output providing 430 mA.
The device is available in the P-TO252-5-1 (D-PAK) package. Output 2 can be switched
ON/OFF via the Enable input EN.
The TLE 4476 is designed to supply microprocessor systems under the severe
conditions of automotive applications and is therefore equipped with additional
protection functions against over load, short circuit and over temperature.
Type
Ordering Code
Package
 TLE 4476 D
Q67006-A9362
P-TO252-5-1 (D-PAK) (SMD)


Similar Part No. - TLE4476

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4476 INFINEON-TLE4476 Datasheet
424Kb / 14P
Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4476D INFINEON-TLE4476D Datasheet
424Kb / 14P
Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4476DATMA1 INFINEON-TLE4476DATMA1 Datasheet
424Kb / 14P
Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
More results

Similar Description - TLE4476

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4470 SIEMENS-TLE4470 Datasheet
121Kb / 22P
Dual Low-Drop Voltage Regulator
logo
STMicroelectronics
LDRXXYY STMICROELECTRONICS-LDRXXYY Datasheet
384Kb / 13P
VERY LOW DROP DUAL VOLTAGE REGULATOR
03-Aug-2004
TEA5110 STMICROELECTRONICS-TEA5110 Datasheet
180Kb / 5P
LOW DROP-OUT 5V DUAL VOLTAGE REGULATOR
Nov-1988
logo
Infineon Technologies A...
TLE4473GV52 INFINEON-TLE4473GV52 Datasheet
652Kb / 15P
Dual Low Drop Voltage Regulator
Rev. 1.0, 2004-07-14
TLE4473GV55-2 INFINEON-TLE4473GV55-2 Datasheet
676Kb / 16P
Dual Low Drop Voltage Regulator
Rev. 0.2, 2005-07-26
TLE7469 INFINEON-TLE7469 Datasheet
644Kb / 21P
Dual Low Drop Voltage Regulator
Rev. 1.3, 2004-10-28
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4979D STMICROELECTRONICS-L4979D_06 Datasheet
370Kb / 10P
LOW DROP VOLTAGE REGULATOR
Feb-2006
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
TLE4476 INFINEON-TLE4476_07 Datasheet
424Kb / 14P
Dual Low Drop Voltage Regulator
Rev. 2.5, 2007-03-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com