Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLDL Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CLDL
Description  ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CLDL Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CLDL Datasheet HTML 1Page - Raltron Electronics Corporation CLDL Datasheet HTML 2Page - Raltron Electronics Corporation CLDL Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLOCK
Page 1 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
CLDL/CLDPL SERIES: ULTRA HF CLOCK OSCILLATOR, LVDS, +3.3 VDC or +2.5VDC
DESCRIPTION: A crystal controlled, high frequency, highly stable oscillator, adhering to Low Voltage Differential Signaling
(LVDS) Standards. The output can be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in a
sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for
today's automated assembly environments.
APPLICATIONS AND FEATURES:
"
Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches;
"
Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz
"
+3.3 VDC or +2.5VDC LVDS
"
Frequency Range from 150.000 to 320 MHz
"
Analog multiplication
"
Miniature Ceramic SMD Package Available on Tape and Reel
" Lead Free and ROHS Compliant
$
$
$
$ ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Operating temperature range
Ta
-40…+85
°C
Storage temperature range
T(stg)
-55…+90
°C
Supply voltage
Vcc
+4.6
VDC
Maximum Input Voltage
Vi
Vss-0.5…Vcc+0.5
VDC
Maximum Output Voltage
Vo
Vss-0.5…Vcc+0.5
VDC
$
$
$
$ ELECTRICAL PARAMETERS:
PARAMETER
SYMBOL
TEST CONDITIONS
*1
VALUE
UNIT
Nominal Frequency
fo
150.000 ~ 320.00**
MHz
Supply Voltage
Vcc
+3.3 or +2.5
±5%
VDC
Supply Current
Is
80.0 MAX
mA
Output Logic Type
LVDS
Load
Connected between Out and Complementary Out
100
Ω
Voh
Output logic high
1.43 Typ, 1.6 Max
VDC
Vol
Output logic low
0.9 Min, 1.10 Typ
VDC
Vod
Differential output
247 Min, 330 Typ, 454 Max
mV
Differential output error
50 Max
mV
VOS
Offset Voltage
1.125 Min, 1.25 Typ, 1.375 Max
VDC
Output Voltage Levels
OS
Offset error
25 Max
mVDC
Duty Cycle
DC
Measured at 50% of Vcc
40/60 to 60/40 or 45/55 to 55/45
%
Rise / Fall Time
tr / tf
Measured at 20/80% and 80/20% Vcc Levels
0.7 TYP 1.0 MAX
*2
ns
Integrated Phase tji RMS, Fj = 12 kHz…20 MHz
5
0.3 TYP**
ps
Integrated Phase RMS tii offset frequency 50KHz to
80MHz
5
0.5 TYP**
ps
Deterministic period Jitter Dj using wavecrest
analyzer
4
1 TYP **
ps
Random period Jitter Rj using wavecrest analyzer
4
2.5 TYP **
ps
Jitter
J
Acumm. Peak to Peak Jitter Tp-p using wavecrest
analyzer
*4
25 TYP**
ps
Phase Noise
£(
∆f)
typ. @212.5MHz
6
∆f=10 Hz
∆f=100 Hz
∆f=1 KHz
∆f=10 KHz
∆f=100 KHz
∆f>1M Hz
-65
-95
-125
-140
-145
-148
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
2X Multip.
-50
Sub Harmonics
f_sub
Load, nom, Supply nom
4X Multip.
-35
dBc
Overall Frequency Stability
∆f/fc
Op. Temp., Aging, Load, Supply and Cal. Variations
±20, ±25, ±50, or ±100 MAX*3
ppm
Pin 1
Output Enabled
Output Disabled
En
Dis
High Voltage or No Connect
Ground
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC


Similar Part No. - CLDL

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
CLD SENSORTECHNICS-CLD Datasheet
58Kb / 3P
Continuous Level Detection Sensors
logo
Raltron Electronics Cor...
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
logo
Tyco Electronics
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
Delay on operate timing mode
CLD-51-20010 MACOM-CLD-51-20010 Datasheet
51Kb / 2P
Compact Time Delay Relay
logo
Cree, Inc
CLD-AP147 CREE-CLD-AP147 Datasheet
1Mb / 12P
Cree짰 XLamp짰 XH Family LEDs
rev 0A
More results

Similar Description - CLDL

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CS9 RALTRON-CS9 Datasheet
55Kb / 3P
CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
CS9L RALTRON-CS9L Datasheet
56Kb / 3P
ULTRA HF CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
Advanced Crystal Techno...
ACT9211 ACT-ACT9211 Datasheet
150Kb / 1P
LVPECL or LVDS Clock Oscillator
13/2/08
logo
Crystek Corporation
CCLD-034 CRYSTEKCRYSTAL-CCLD-034 Datasheet
596Kb / 3P
5x7mm SMD LVDS Clock Oscillator 3.3 Volts
logo
CTS Corporation
635 CTS-635 Datasheet
153Kb / 4P
LVPECL or LVDS CLOCK OSCILLATOR
logo
Vectron International, ...
VCC6-V VECTRON-VCC6-V Datasheet
190Kb / 6P
2.5 or 3.3 volt LVDS Oscillator
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
ULTRA HF VCXO, LVPECL, 3.3 VDC
C9P RALTRON-C9P Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVPECL, 3.3 VDC
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLP RALTRON-CLP Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com