Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP Datasheet(PDF) 1 Page - Raltron Electronics Corporation

Part # CLP
Description  ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RALTRON [Raltron Electronics Corporation]
Direct Link  http://www.raltron.com
Logo RALTRON - Raltron Electronics Corporation

CLP Datasheet(HTML) 1 Page - Raltron Electronics Corporation

  CLP Datasheet HTML 1Page - Raltron Electronics Corporation CLP Datasheet HTML 2Page - Raltron Electronics Corporation CLP Datasheet HTML 3Page - Raltron Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CLOCK
Page 1 of 3
RAL T RON EL ECT R ONICS CORP.
! 10651 N . W . 19
th St ! Mi ami, Florida 33172 ! U.S.A.
phone: (305) 593-6033
! fax: (305) 594-3973 ! e-mail: sales@raltron.com ! WEB: http://www.raltron.com
CLP: PLL LVDS SERIES: ULTRA HF CLOCK OSCILLATOR, LVDS, +3.3 VDC
DESCRIPTION: A crystal controlled, high frequency, highly stable oscillator, adhering to Low Voltage Differential Signaling
(LVDS) Standards. The output can be Tri-stated to facilitate testing or combined multiple clocks. The device is contained in a
sub-miniature, very low profile, leadless ceramic SMD package with 6 gold contact pads. This miniature oscillator is ideal for
today's automated assembly environments.
APPLICATIONS AND FEATURES:
"
Infiniband; Fiber Channel; SATA; 10GbE; Network Processors; SOHO Routing; Switches;
"
Common Frequencies: 150 MHz; 156.25 MHz; 155.52 MHz; 161.1328 MHz; 212.5MHz; 312.5MHz
"
+3.3 VDC LVDS
"
Frequency Range from 750KHz to 800 MHz
"
PLL multiplication (F>25MHz)
"
Miniature Ceramic SMD Package Available on Tape and Reel
" Lead Free and ROHS Compliant
$
$
$
$ ABSOLUTE MAXIMUM RATINGS:
PARAMETER
SYMBOL
VALUE
UNIT
Operating temperature range
Ta
-40…+85
°C
Storage temperature range
T(stg)
-55…+90
°C
Supply voltage
Vcc
+4.6
VDC
Maximum Input Voltage
Vi
Vss-0.5…Vcc+0.5
VDC
Maximum Output Voltage
Vo
Vss-0.5…Vcc+0.5
VDC
$
$
$
$ ELECTRICAL PARAMETERS:
PARAMETER
SYMBOL
TEST CONDITIONS
*1
VALUE
UNIT
Nominal Frequency
fo
0.75~ 800.00**
MHz
Supply Voltage
Vcc
+3.3
±5%
VDC
Supply Current
Is
80.0 MAX
mA
Output Logic Type
LVDS
Load
Connected between Out and Complementary Out
100
Ω
Voh
Output logic high
1.43 Typ, 1.6 Max
VDC
Vol
Output logic low
0.9 Min, 1.10 Typ
VDC
Vod
Differential output
247 Min, 330 Typ, 454 Max
mV
Differential output error
50 Max
mV
VOS
Offset Voltage
1.125 Min, 1.25 Typ, 1.375 Max
VDC
Output Voltage Levels
OS
Offset error
25 Max
mVDC
Duty Cycle
DC
Measured at 50% of Vcc
40/60 to 60/40 or 45/55 to 55/45
%
Rise / Fall Time
tr / tf
Measured at 20/80% and 80/20% Vcc Levels
0.7 TYP 1.0 MAX
*2
ns
Fo=155.52MHz
2.6 TYP**
Integrated Phase tji RMS,
Fj = 12 kHz…20 MHz
5
Fo=622.08MHz
2.5 TYP**
ps
Fo=155.52MHz.
4 TYP **
Random period Jitter Rj using
wavecrest analyzer
4
Fo=622.08MHz
6 TYP **
ps
Fo=155.52MHz.
30 TYP**
Jitter
J
Acumm. Peak to Peak Jitter Tp-p
using wavecrest analyzer
*4
Fo=622.08MHz
40 TYP**
ps
Phase Noise
£(
∆f)
typ. @155.52MHz
6
∆f=10 Hz
∆f=100 Hz
∆f=1 KHz
∆f=10 KHz
∆f=100 KHz
∆f=1M Hz
∆f=10M Hz
∆f>20M Hz
-60
-90
-120
-125
-121
-121
-140
-145
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
dBc/Hz
Overall Frequency Stability
∆f/fc
Op. Temp., Aging, Load, Supply and Cal. Variations
±20, ±25, ±50, or ±100 MAX*3
ppm
Enable High Option;
Pin 1
Output Enabled
Output Disabled
En
Dis
High Voltage or No Connect
Ground
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC
Enable Low Option;
Pin 1
Output Disabled
Output Enabled
Dis
En
High Voltage
Ground or No Connect
0.7
•Vcc MIN
0.3
•Vcc MAX
VDC
VDC


Similar Part No. - CLP

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
CLP SAMTEC-CLP Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDA SAMTEC-CLP-10202-FDA Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDBE SAMTEC-CLP-10202-FDBE Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDFR SAMTEC-CLP-10202-FDFR Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
CLP-10202-FDH-A SAMTEC-CLP-10202-FDH-A Datasheet
252Kb / 1P
(1.27 mm) .050" PITCH • CLP SERIES
2021
More results

Similar Description - CLP

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CS9L RALTRON-CS9L Datasheet
56Kb / 3P
ULTRA HF CLOCK OSCILLATOR, PECL, 3.3 VDC or 2.5VDC
logo
MTRONPTI
M5R MTRONPTI-M5R Datasheet
227Kb / 1P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
M5R_0611 MTRONPTI-M5R_0611 Datasheet
257Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Crystek Corporation
CCLD-033 CRYSTEKCRYSTAL-CCLD-033 Datasheet
597Kb / 3P
5x7mm SMD LVDS Clock Oscillator 3.3 Volts
CCLD-034 CRYSTEKCRYSTAL-CCLD-034 Datasheet
596Kb / 3P
5x7mm SMD LVDS Clock Oscillator 3.3 Volts
logo
MTRONPTI
M5RJ MTRONPTI-M5RJ_08 Datasheet
513Kb / 2P
9x14 mm, 3.3 Volt, LVPECL/LVDS, Clock Oscillator
logo
Raltron Electronics Cor...
VS9L RALTRON-VS9L Datasheet
573Kb / 3P
ULTRA HF VCXO, LVPECL, 3.3 VDC
C9P RALTRON-C9P Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVPECL, 3.3 VDC
CLD RALTRON-CLD Datasheet
56Kb / 3P
CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
CLDL RALTRON-CLDL Datasheet
57Kb / 3P
ULTRA HF CLOCK OSCILLATOR, LVDS, 3.3 VDC or 2.5VDC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com