Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LUWGVCP Datasheet(PDF) 11 Page - OSRAM GmbH

Part # LUWGVCP
Description  Automotive Lighting Interior and Exterior
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWGVCP Datasheet(HTML) 11 Page - OSRAM GmbH

Back Button LUWGVCP Datasheet HTML 7Page - OSRAM GmbH LUWGVCP Datasheet HTML 8Page - OSRAM GmbH LUWGVCP Datasheet HTML 9Page - OSRAM GmbH LUWGVCP Datasheet HTML 10Page - OSRAM GmbH LUWGVCP Datasheet HTML 11Page - OSRAM GmbH LUWGVCP Datasheet HTML 12Page - OSRAM GmbH LUWGVCP Datasheet HTML 13Page - OSRAM GmbH LUWGVCP Datasheet HTML 14Page - OSRAM GmbH LUWGVCP Datasheet HTML 15Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Version 1.3
LUW GVCP
2015-10-27
11
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
0
0
˚C
T
IF
mA
OHL04455
20
40
60
80
100
120
140
160
180
200
220
260
20
40
60
80 100
140
S
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03511
T
t
P
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.033
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHL03511
T
t
P
IF
0.02
0.5
0.2
0.05
0.1
D =
0.005
0.01
1
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com