Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE9621 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE9621
Description  SMA Male to SMA Female Bulkhead Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE9621 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE9621 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE9621 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE9621 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE9621 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• SMA Male Connector 1
• SMA Female Connector 2
• 50 Ohms
• Straight Body Geometry
• Bulkhead Mount Method
Features
• Max VSWR of 1.3:1 up to 18 GHz
• SMA Interface compliant with MIL-STD-348A
• Gold Plated Beryllium Copper Contact
• 50 µ-in min Gold Contact Plating
Applications
• General Purpose Test
• Rack Mounted Equipment
.
Description
Pasternack’s PE9621 SMA male to SMA female bulkhead adapter is part of our full line of RF components available for same-
day shipping. The SMA connector mates mechanically with commercially available 3.5mm and 2.92mm (K) connectors. Our
SMA to SMA adapter has a male to female gender configuration. PE9621 SMA male to SMA female adapter operates to 18
GHz. The Pasternack RF adapter provides good VSWR of 1.3:1 maximum. This RF SMA to SMA bulkhead adapter allows
designers to create external connections on their product enclosures, and can be used in a variety of other rack mount and
panel mount applications.
RF adapters are often used to enable connections between two connector types that would otherwise not mate. Certain
adapter configurations can also be used to protect connectors on expensive equipment where the number of connect/
disconnect cycles is high. An RF, microwave or millimeter wave adapter is connected to the equipment, and the commonly
changed connection is made with the adapter which can be easily replaced when it wears out after high usage; such adapters
are referred to as connector savers. Pasternack also offers bulkhead, panel mount, hermetically sealed, reverse polarity, and
isolated ground adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
18
GHz
VSWR
1.3:1
Operating Voltage (AC)
500
Vrms
. .
Mechanical Specifications
Size
Length
0.92 in [23.37 mm]
Width
0.315 in [8 mm]
Weight
0.017 lbs [7.71 g]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Adapter PE9621
PE9621 REV 1.2
SMA Male to SMA Female Bulkhead Adapter
PE9621
RF Adapters Technical Data Sheet


Similar Part No. - PE9621

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9620 PASTERNACK-PE9620 Datasheet
387Kb / 4P
Precision SMA Female to SMA Female Bulkhead Mount Adapter, With O-Ring
logo
Pletronics, Inc.
PE9620DEV PLETRONICS-PE9620DEV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
PE9620DV PLETRONICS-PE9620DV Datasheet
138Kb / 8P
PE96/PE98 Series 3.3 V PECL Clock Oscillators
logo
Pasternack Enterprises,...
PE9622 PASTERNACK-PE9622 Datasheet
244Kb / 2P
75 Ohm TNC Female to TNC Female Adapter
PE9623 PASTERNACK-PE9623 Datasheet
255Kb / 3P
75 Ohm TNC Male to TNC Female Right Angle Adapter
More results

Similar Description - PE9621

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9014 PASTERNACK-PE9014 Datasheet
260Kb / 3P
Precision SMA Male to SMA Female Bulkhead Adapter 18 Ghz
PE9071 PASTERNACK-PE9071 Datasheet
255Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE9508 PASTERNACK-PE9508 Datasheet
254Kb / 3P
Precision SMA Female to SMA Female Bulkhead Adapter
PE91258 PASTERNACK-PE91258 Datasheet
356Kb / 3P
SMA Female to SMA Female Bulkhead Adapter
PE91321 PASTERNACK-PE91321 Datasheet
347Kb / 3P
Bulkhead Push-On SMA Male to SMA Female Bulkhead Adapter
PE9184NH PASTERNACK-PE9184NH Datasheet
363Kb / 4P
Bulkhead Mount SMA Female to SMA Female Adapter
PE9551 PASTERNACK-PE9551 Datasheet
357Kb / 4P
Bulkhead SMA Female to N Male Adapter
logo
Linx Technologies
ADP-SMAF-SMAF-B-G LINX-ADP-SMAF-SMAF-B-G Datasheet
150Kb / 2P
SMA FEMALE TO SMA FEMALE BULKHEAD MOUNT ADAPTER
ADP-SMAF-SMAF-SSB-G LINX-ADP-SMAF-SMAF-SSB-G Datasheet
210Kb / 2P
SMA FEMALE TO SMA FEMALE ADAPTER, SEALED BULKHEAD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com