Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6281 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6281
Description  PIN Diode Switches Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6281 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6281 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6281 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Mechanical Specifications
Size
Length
1.25 in [31.75 mm]
Width
1.25 in [31.75 mm]
Height
0.4 in [10.16 mm]
.
Weight
0.07 lbs [31.75 g]
Finish
Blue Paint
.
Configuration
Design
Reflective, SP4T
RF Connector
SMA Female
RF Connector Option
Field Replaceable
TTL Control Connector
Solder Pin
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +125 deg C
Humidity
MIL-STD-202F, Method 103B, Condition B
Shock
MIL-STD-202F, Method 213B, Condition B
Vibration
MIL-STD-202F, Method 204D, Condition B
Altitude
MIL-STD-202F, Method 105C, Condition B
Temperature Cycling
MIL-STD-202F, Method 107D, Condition A
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE71S6281 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP4T PIN Diode Switch Operating From 8 GHz to 12 GHz Up to +20 dBm and Field Replace-
able SMA PE71S6281
PIN Diode Switches Technical Data Sheet
PE71S6281
SP4T PIN Diode Switch Operating From 8 GHz to
12 GHz Up to +20 dBm and Field Replaceable SMA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com