Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE71S6321 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6321
Description  Electromechanical Relay Switches Technical Data Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6321 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6321 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6321 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Performance by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency Range
DC to 6
6 to 12
12 to 18
18 to 26.5
26.5 to 40
GHz
VSWR, Max
1.3:1
1.4:1
1.5:1
1.7:1
2:1
Insertion Loss, Typ
0.2
0.45
0.55
0.7
1
dB
Isolation, Min
70
60
60
55
50
dB
.
Mechanical Specifications
Size
Length
2.25 in [57.15 mm]
Width/Diameter
2.25 in [57.15 mm]
Height
2.38 in [60.45 mm]
.
Weight
0.583 lbs [264.44 g]
Body Material and Plating
Aluminum, Chem Film
Package Type
Connectorized
.
Operating Life
1,000,000 Cycles
Switching Time
15 ns Max
Connectors
RF Connector Type
2.92mm Female
RF Connector Contact Material and Plating
Copper, Gold
RF Connector Body Material and Plating
Passivated Stainless Steel
Control Connector
Solder Pins
Environmental Specifications
Temperature
Operating Range
-35 to +85 deg C
ESD Sensitivity
ESD Sensitive Material, Transport material in Approved
ESD bags. Handle only in ESD Workstation.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE71S6321 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Latching Switch DC to 40 GHz, 2.92mm, 3 Watts, 12V Control,
Self Cut Off, Indicators, Terminated, Reset PE71S6321
Electromechanical Relay Switches Technical Data
PE71S6321
SP6T Electromechanical Relay Latching Switch
DC to 40 GHz, 2.92mm, 3 Watts, 12V Control,
Self Cut Off, Indicators, Terminated, Reset



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com