Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFAZ Datasheet(PDF) 3 Page - ON Semiconductor

Part # AX-SFAZ
Description  Ultra-Low Power AT Command / API Controlled Sigfox Compliant Transceiver IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFAZ Datasheet(HTML) 3 Page - ON Semiconductor

  AX-SFAZ Datasheet HTML 1Page - ON Semiconductor AX-SFAZ Datasheet HTML 2Page - ON Semiconductor AX-SFAZ Datasheet HTML 3Page - ON Semiconductor AX-SFAZ Datasheet HTML 4Page - ON Semiconductor AX-SFAZ Datasheet HTML 5Page - ON Semiconductor AX-SFAZ Datasheet HTML 6Page - ON Semiconductor AX-SFAZ Datasheet HTML 7Page - ON Semiconductor AX-SFAZ Datasheet HTML 8Page - ON Semiconductor AX-SFAZ Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AX−SFAZ, AX−SFAZ−API
www.onsemi.com
3
Table 1. PIN FUNCTION DESCRIPTIONS
Symbol
Pin(s)
Type
Description
VDD_ANA
1
P
Analog power output, decouple to neighboring GND
GND
2
P
Ground, decouple to neighboring VDD_ANA
ANTP
3
A
Differential receive input
ANTN
4
A
Differential receive input
ANTP1
5
N
Single ended transmit output
GND
6
P
Ground, decouple to neighboring VDD_ANA
VDD_ANA
7
P
Analog power output, decouple to neighboring GND
GND
8
P
Ground
FILT
9
A
Synthesizer filter
L2
10
A
Must be connected to pin L1
L1
11
A
Must be connected to pin L2
NC
12
N
Do not connect
GPIO8
13
I/O/PU
General purpose IO
GPIO7
14
I/O/PU
General purpose IO, selectable SPI functionality (MISO)
GPIO6
15
I/O/PU
General purpose IO, selectable SPI functionality (MOSI)
GPIO5
16
I/O/PU
General purpose IO, selectable SPI functionality (SCK)
GPIO4
17
I/O/PU
General purpose IO, selectable SD DAC functionality, selectable dock
functionality
CPU_LED
18
O
CPU activity indicator
RADIO_LED
19
O
Radio activity indicator
VTCXO
20
O
TCXO power
GPIO9
21
I/O/PU
General purpose IO, wakeup from deep sleep
UARTTX
22
O
UART transmit
UARTRX
23
I/PU
UART receive
RX_LED
24
O
Receive activity indicator
TX_LED
25
O
Transmit activity indicator
NC
26
PD
Do not connect
RESET_N
27
I/PU
Optional reset pin. Internal pull−up resistor is permanently enabled,
nevertheless it is recommended to connect this pin to VDD_IO if it is not used.
GND
28
P
Ground
VDD_IO
29
P
Unregulated power supply
GPIO0
30
I/O/A/PU
General purpose IO, selectable ADC functionality, selectable SD DAC
functionality, selectable clock functionality
GPIO1
31
I/O/A/PU
General purpose IO, selectable ADC functionality
TX_EN
32
O
Transmitter Enable (to frontend)
NC
33
N
Do not connect
NC
34
N
Do not connect
RX_EN
35
O
Receiver Enable (to frontend)
VDD_IO
36
P
Unregulated power supply
CAL
37
A
Connect to FILT as shown in the application diagram
NC
38
N
Do not connect
CLKN
39
A
TCXO interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com