Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT6304 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # VT6304
Description  1394.A 4 PORT PHYSICAL LAYER CHIP
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT6304 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button VT6304 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 14Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 15Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 16Page - List of Unclassifed Manufacturers VT6304 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
VIA Technologies, Inc.
Preliminary VT6304
13
010 - and 393.216 Mbit/s
Int_Enable
1
rw
0
Enable port event interrupts. When set to one, the PHY shall set
Port_event to one if any of Connected, Bias, Disabled or Fault (for this
port) change state.
Fault
1
Rw
0
Set to one if an error is detected during a suspend or resume operation.
A write of one to this bit clears it to zero.
3.4. PHY REGISTER PAGE 1: VENDOR IDENTIFICATION PAGE
The Vendor Identification page is used to identify the PHY’s vendor and compliance level. The page is
selected by writing one to Page_select in the PHY register at address 0111.
0
1
2
3
4
5
6
7
1000b
Compliance_level
1001b
Reserved
1010b
1011b
1100b
Vendor_ID
1101b
1110b
1111b
Product_ID
3.5. PHY REGISTER VENDOR IDENTIFICATION PAGE FIELDS
Size
Type
Description
Compliance_le
vel
8
R
Standard to which the PHY implementation complies:
0 = not specified
1 = IEEE P1394a
All other values reserved for future standardization. The default is
“1”.
Vendor_ID
24
R
The company ID or Organizationally Unique Identifier (OUI) of the
manufacturer of the PHY. The most significant byte of Vendor_ID
appears at PHY register location 1010 and the least significant at
1100. The default value is “00 40 63”.
Product_ID
24
R
The meaning of this number is determined by the company or
organization that has been granted Vendor_ID. The most significant
byte of Product_ID appears at PHY register location 1101 and the
least significant at 1111. The default value is “30 60 00”.
3.6. PHY REGISTER PAGE 7: VENDOR-DEPENDENT PAGE
The vendor-dependent page provides registers set aside for use by the PHY’s vendor. The page is selected by
writing seven to Page_select in the PHY register at address 0111. Don’t access the registers “used for
test”.
address
0
1
2
3
4
5
6
7
1000b
used for test



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com