Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACM30-ER Datasheet(PDF) 2 Page - Recom International Power

Part # RACM30-ER
Description  30 Watt Round Shape Single Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACM30-ER Datasheet(HTML) 2 Page - Recom International Power

  RACM30-ER Datasheet HTML 1Page - Recom International Power RACM30-ER Datasheet HTML 2Page - Recom International Power RACM30-ER Datasheet HTML 3Page - Recom International Power RACM30-ER Datasheet HTML 4Page - Recom International Power RACM30-ER Datasheet HTML 5Page - Recom International Power RACM30-ER Datasheet HTML 6Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±3.0% max.
Line Regulation
low line to high line
±1.0% max.
Load Regulation
0% to 100% load
±1.0% max.
Transient Response
100% load step change
±3.0% max.
continued on next page
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
Pi type
Input Voltage Range
90VAC
230VAC
264VAC
Input Current
115VAC
230VAC
1000mA
290mA
Inrush Current
115VAC
230VAC
60A
95A
No load Power Consumption
75mW
Input Frequency Range
47Hz
63Hz
Minimum Load
0%
Power Factor
0.55
Start-up Time
115VAC
230VAC
75ms
150ms
Rise Time
115VAC / 230VAC
10ms
Hold-up Time
115VAC
230VAC
15ms
55ms
Internal Operating Frequency
100% load at nominal Vin
100kHz
Output Ripple and Noise
75mVp-p
AC/DC Converter
MED-2
REV.: 0/2017
www.recom-power.com
Specifications (measured @ ta= 25°C, nom. Vin (115/230VAC), full load after warm-up unless otherwise stated)
RACM30-ER
Series
Efficiency vs. Load
RACM30-12SER
RACM30-24SER
Output Load [%]
0
10
0
20
40
60
80
25
30
50
75
50
100
70
90
100
85VAC
115VAC
230VAC
264VAC
Output Load [%]
0
10
0
20
40
60
80
25
50
30
75
50
100
70
90
100
85VAC
115VAC
230VAC
264VAC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com