Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RPA200H-RUW Datasheet(PDF) 3 Page - Recom International Power

Part # RPA200H-RUW
Description  200 Watt Half Brick Single Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPA200H-RUW Datasheet(HTML) 3 Page - Recom International Power

  RPA200H-RUW Datasheet HTML 1Page - Recom International Power RPA200H-RUW Datasheet HTML 2Page - Recom International Power RPA200H-RUW Datasheet HTML 3Page - Recom International Power RPA200H-RUW Datasheet HTML 4Page - Recom International Power RPA200H-RUW Datasheet HTML 5Page - Recom International Power RPA200H-RUW Datasheet HTML 6Page - Recom International Power RPA200H-RUW Datasheet HTML 7Page - Recom International Power RPA200H-RUW Datasheet HTML 8Page - Recom International Power RPA200H-RUW Datasheet HTML 9Page - Recom International Power Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
UNDER VOLTAGE LOCKOUT
OUTPUT VOLTAGE TRIMMING
continued on next page
DC/DC Converter
Specifications (measured @ ta = 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPA200H-RUW
Series
PB-3
REV.: 0/2017
www.recom-power.com
Input Voltage [VDC]
100
0
0.1s
continuous operation
1s
14.4
16.8
137.5
156
R1
-Vin
+Vin
+Vout
-Vout
CTRL
C1
Q1
R1
Ext. Cap.
+Vout
-Vout
-Vin
Hold Up Circuit
D1
C1
C2
+Vin
+Vout
-Vout
UVLO
-Vin
R1
Input Voltage Range
Output Voltage Trimming
RPA200H-RUW converters offer the feature of trimming the output voltage over a certain range around the nominal value by using external
trim resistors. The values for trim resistors shown in trim tables below are according to standard E96 values; therefore, the specified voltage
may slightly vary.
The RPA200H series has an adjustable under voltage lockout which will shut down the
converter according to following settings.
R1
TRIM
-Sense
TRIM
R2
+Sense
TRIM DOWN
TRIM UP
Practical Example:
Trim Up:
Trim down:
Vout = 12V,
DVout = +10% (13.2V)
Vout = 24V,
DVout = -8% (22V)
Trim Down:
Trim Calculation
Trim Up:
12Vout
24Vout
Vout
= Output Voltage
DVout = Output Voltage Change in %
R1
= trim up resistor
R2
= trim down resistor
R
1 =(
45
+ 40)k
Ω = 490kΩ
0.1
R
2 =(
5.11 -10.22)kΩ = 53.65kΩ
0.08
Input Voltage [VDC]
24
36
48
72
110
Turn Off Threshold [VDC]
14
20.6
27.5
40
64
Turn On Threshold [VDC]
16
24
32
46.5
74
Resistor R1 [k
Ω]
open
27.4
13
6.81
3.57
Continuous full power operation is certified between 16.8V and 137.5V,
including full load start-up.
Once running, the converter will operate for short periods of time over
an extended input voltage range down to 14.4V and up to 156V, thus
covering all EN50155 under-voltage and over-voltage transient
conditions.
R
1 =(
45 +40)kΩ
DVout
R
1 =(
95 +90)kΩ
DVout
R
2 = (
5.11 -10.22)kΩ
DVout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com