Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4607 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4607
Description  75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4607 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4607 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4607 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4607 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Male Connector
• MIL-STD-348
• 75 Ohms
• Right Angle Body Geometry
• RG59, RG62, RG71 Interface Type
• Clamp/Solder Attachment
Features
• Max. Operating Frequency 2 GHz
• Silver Plated Brass Contact
• Contact plating according to ASTM-B700
Applications
• General Purpose Test
• Custom Cable Assemblies
• CATV
.
Description
Pasternack’s PE4607 75 ohm BNC male right angle connector with clamp/solder attachment for RG59, RG62 and RG71 is
part of our full line of RF components available for same-day shipping. Our BNC male connector operates up to a maximum
frequency of 2 GHz. Its right angle body geometry allows for easier connections in tight spaces.
Our 75 ohm BNC male right angle connector PE4607 datasheet specifications and drawing with dimensions are shown below
in this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
2
GHz
Operating Voltage (AC)
500
Vrms
Dielectric Withstanding Voltage (AC)
1,500
Vrms
.
Mechanical Specifications
Size
Length
1.48 in [37.59 mm]
Width/Dia.
0.57 in [14.48 mm]
Height
1.032 in [26.21 mm]
.
Weight
0.068 lbs [30.84 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: 75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment for RG59, RG62,
RG71 PE4607
PE4607 REV 1.1
75 Ohm BNC Male Right Angle Connector Clamp/
Solder Attachment for RG59, RG62, RG71
RF Connectors Technical Data Sheet
PE4607


Similar Part No. - PE4607

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4607 PASTERNACK-PE4607 Datasheet
236Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
More results

Similar Description - PE4607

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4609 PASTERNACK-PE4609 Datasheet
344Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment For RG179, RG187
PE4605 PASTERNACK-PE4605 Datasheet
234Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG6
PE4606 PASTERNACK-PE4606 Datasheet
235Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG11, RG216
PE4607 PASTERNACK-PE4607 Datasheet
236Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp - Solder Attachment For RG59
PE4597 PASTERNACK-PE4597_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4599 PASTERNACK-PE4599_16 Datasheet
331Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4603 PASTERNACK-PE4603_16 Datasheet
389Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4605 PASTERNACK-PE4605_16 Datasheet
328Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/Solder Attachment
PE4606 PASTERNACK-PE4606_16 Datasheet
330Kb / 3P
75 Ohm BNC Male Right Angle Connector Clamp/ Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com