Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4612 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4612
Description  75 Ohm BNC Female Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4612 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4612 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4612 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4612 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Female Connector
• MIL-STD-348
• 75 Ohms
• Straight Body Geometry
• RG11, RG144, RG216 Interface Type
• Clamp/Solder Attachment
Features
• Silver Plated Contact
• Contact plating according to QQ-S-365
Applications
• General Purpose Test
• Custom Cable Assemblies
• CATV
.
Description
Pasternack’s PE4612 75 ohm BNC female connector with clamp/solder attachment for RG11, RG144 and RG216 is part of
our full line of RF components available for same-day shipping.
Our 75 ohm BNC female connector PE4612 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.51 in [38.35 mm]
Width/Dia.
0.75 in [19.05 mm]
.
Weight
0.076 lbs [34.47 g]
.
Material Specifications
Description
Material
Plating
Contact
Silver
QQ-S-365
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Connector Clamp/Solder Attachment for RG11, RG144, RG216 PE4612
PE4612 REV 1.1
75 Ohm BNC Female Connector Clamp/Solder
Attachment for RG11, RG144, RG216
RF Connectors Technical Data Sheet
PE4612


Similar Part No. - PE4612

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
logo
Peregrine Semiconductor
PE46120 PSEMI-PE46120 Datasheet
1,011Kb / 25P
Monolithic Phase & Amplitude Controller, 1.8-2.2 GHz
PE46120A-X PSEMI-PE46120A-X Datasheet
1,011Kb / 25P
Monolithic Phase & Amplitude Controller, 1.8-2.2 GHz
More results

Similar Description - PE4612

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4615 PASTERNACK-PE4615 Datasheet
207Kb / 2P
75 Ohm BNC Female Connector Clamp/Solder Attachment For RG179, RG187
PE4611 PASTERNACK-PE4611 Datasheet
226Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG6
PE4612 PASTERNACK-PE4612 Datasheet
233Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG11, RG216
PE4613 PASTERNACK-PE4613 Datasheet
222Kb / 2P
75 Ohm BNC Female Connector Clamp/ Solder Attachment For RG59
PE4597 PASTERNACK-PE4597_16 Datasheet
333Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4599 PASTERNACK-PE4599_16 Datasheet
331Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4601 PASTERNACK-PE4601_16 Datasheet
414Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4603 PASTERNACK-PE4603_16 Datasheet
389Kb / 3P
75 Ohm BNC Male Connector Clamp/Solder Attachment
PE4611 PASTERNACK-PE4611_16 Datasheet
333Kb / 3P
75 Ohm BNC Female Connector Clamp/ Solder Attachment
PE4514 PASTERNACK-PE4514_16 Datasheet
332Kb / 3P
75 Ohm N Female Connector Clamp/Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com