Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQ802L Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # IQ802L
Description  Si ??photodiode with integrated transimpedance amplifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

IQ802L Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  IQ802L Datasheet HTML 1Page - Roithner LaserTechnik GmbH IQ802L Datasheet HTML 2Page - Roithner LaserTechnik GmbH IQ802L Datasheet HTML 3Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
technical data:
common test conditions, as not otherwise specified: TA = 25°C, VS = ±15V
typ. Data, maximum data in brackets
parameter
testcondition
IQ802L
IQ801L
IQ800L
unit
active area
4,8
mm²
feedback resistor
1
10
100
MΩ
dark offset voltage
E = 0 lx
± 0,5
± 0,5
± 2
mV
noise voltage
B = 20 kHz
0,2
0,3
0,5
mVrms
spectral range
S = 0,1*Smax
400 … 1100
nm
max. of spectral responsivity
S = Smax
850
nm
max. spectral responsitiy
S = Smax
0,6
6
60
mV/nW
rise time
3
15
35
µs
bandwidth
-3 dB
120
25
10
kHZ
opening angle
S(φ)=0,5*
Smax*cos(φ)
± 50
Grad
saturation voltage
RL = 2 kΩ
-14,8 (-14,5)
V
short current
± 45
mA
operation voltage
± 5 … ± 15
V
current consumption
2,2 (2,6)
mA
realtive spectral responsivity



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com