Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-1375-IP Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # PD-1375-IP
Description  photodiode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PD-1375-IP Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  PD-1375-IP Datasheet HTML 1Page - Roithner LaserTechnik GmbH PD-1375-IP Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1300 / 1550
nm
PD-1375*-ip
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
ROITHNER LASERTECHNIK
A-1040 VIENNA, SCHOENBRUNNER STRASSE 7, AUSTRIA
TEL: +43 -1- 586 52 43-0 FAX: +43 -1- 586 52 43-44
e-mail: office@roithner-laser.com
http://www.roithner-laser.com
Description:
PD-1375*-ip – is a series of photodetector modules for spectral range of
1300/1550 nm based on InGaAs PIN photodiode and coupled with sin-
glemode (PD-1375s-ip) or multimode (PD-1375m-ip) optical fiber.
Hermetically sealed modules are performed in standard coaxial package
with built-in collimating ball lens. The modules operate in wide tempera-
ture range, have high spectral responsivity and low dark current.
PD-1375*-ip – are the best photodetectors for digital (up to 622Mb/s) fiber-
optic communication lines, optical testers, systems of optical synchroniza-
tion and other applications.
Optical and electrical characteristics (Т=25оС):
Characteristics
Symbol
Test condition
Min
Typ.
Max
Units
PIN photodiode
Diameter of photosensitive area
D
120
µm
Spectral range of maximum responsivity
λ
OP
1100
1650
nm
Responsivity
R
UREV=5.0V, =1300nm
0.8
0.9
A/W
Dark current
ID
UREV=5.0 V
1.0
2.0
nA
Capacity
CPD
UREV=5.0 V, f=1 MHz
1.5
1.7
pF
Rise time/fall time
τ
R/
τ
F
POP=5.0 V
0.3
0.5
ns
Optical fiber
PD-1375s-ip
9/125
Fiber core/cladding diameter
DC/DCL
PD-1375m-ip
50/125
µm
Fiber length
L
300
1500
mm
Optical connector type
«FC»
Absolute maximum ratings:
PIN photodiode
Max. reverse bias
UR
5.0
V
Max. forward current
IF
2.0
mA
Max. reverse current
IR
1.0
mA
Environment
Operating temperature range
TOP
-40..+55
oC
Storage temperature range
TSTR
-40..+70
oC
Pin soldering temperature
200
oC
Pin soldering time
3.0
sec


Similar Part No. - PD-1375-IP

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-1378-CABLE TRINAMIC-PD-1378-CABLE Datasheet
1Mb / 24P
PD57/60/86-1378 Hardware Manual
Revision V1.21 - 2020-APR-24
More results

Similar Description - PD-1375-IP

ManufacturerPart #DatasheetDescription
logo
EPIGAP optoelectronic G...
EPD-270-0-0.3-1 EPIGAP-EPD-270-0-0.3-1 Datasheet
192Kb / 2P
Photodiode
EPD-280-0-0.3-5 EPIGAP-EPD-280-0-0.3-5 Datasheet
211Kb / 2P
Photodiode
EPD-360-0-0.3-1 EPIGAP-EPD-360-0-0.3-1 Datasheet
200Kb / 2P
Photodiode
EPD-365-0-0.9-1 EPIGAP-EPD-365-0-0.9-1 Datasheet
65Kb / 2P
Photodiode
EPD-365-0-2.5 EPIGAP-EPD-365-0-2.5 Datasheet
53Kb / 2P
Photodiode
EPD-740-5-0.5 EPIGAP-EPD-740-5-0.5 Datasheet
327Kb / 2P
Photodiode
EPD-740-5-0.9 EPIGAP-EPD-740-5-0.9 Datasheet
217Kb / 2P
Photodiode
logo
Roithner LaserTechnik G...
EPD-1300-0-3.0 ROITHNER-EPD-1300-0-3.0 Datasheet
135Kb / 2P
Photodiode
EPD-660-5 ROITHNER-EPD-660-5 Datasheet
130Kb / 2P
Photodiode
logo
HK TO-GRACE TECHNOLOGY ...
AM2520PD1BT09 TO-GRACE-AM2520PD1BT09 Datasheet
771Kb / 3P
Photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com