Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP339 Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # TP339
Description  Thermopile Infrared Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

TP339 Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  TP339 Datasheet HTML 1Page - Roithner LaserTechnik GmbH TP339 Datasheet HTML 2Page - Roithner LaserTechnik GmbH TP339 Datasheet HTML 3Page - Roithner LaserTechnik GmbH TP339 Datasheet HTML 4Page - Roithner LaserTechnik GmbH TP339 Datasheet HTML 5Page - Roithner LaserTechnik GmbH TP339 Datasheet HTML 6Page - Roithner LaserTechnik GmbH TP339 Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Thermopile Infrared Sensor
TP339
Microelectronics Dept. 2000.05
2 / 7
ROITHNER LASERTECHNIK
Tel: 43-1-5865243-0
Fax: 43-1-5865243-44
http://www.roithner-laser.com
▓ Electrical Characteristics
Parameter
Condition
Min.
Typ.
Max.
Unit
Thermopile
Number of thermojunctions
---
116
---
Chip size
---
1740*1740
---
µm
2
Active region size
Interference
layer
---
Diameter
545
---
µm
Thickness of substrate
Silicon-
substrate
600
625
650
µ
m
Resistance of thermopile
25 °C
50
65
80
KOhm
Sensitivity
With 5-14 µm
filter
70
85
100
V/W
Detecctivity
1.0*10
8
1.3*10
8
1.7*10
8 cm*Hz1/2/W
Time constant
---
16
---
ms
Noise voltage
28
32
36
nV/Hz
1/2
NEP
0.28
0.36
0.48
nW/Hz
1/2
Temperature range
Operation
-20
---
100
°C
Temperature reference resistor
---
Resistance (1)
25 °C
29.1
30.0
30.9
KOhm
Resistance (1)
25 °C
97
100
103
KOhm
value (1)
0
oC/25 °C
3773
3811
3849
K
value (2)
0
oC/25 °C
3950
3970
3990
K
Measured at 1 Hz chopper frequency, within spectral range 5-14 µm, using a blackbody
radiator of 500 K temperature.
Note : Thermistor should be operated under 1 mA.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com