Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP339U Datasheet(PDF) 6 Page - Roithner LaserTechnik GmbH

Part # TP339U
Description  Thermopile Infrared Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

TP339U Datasheet(HTML) 6 Page - Roithner LaserTechnik GmbH

  TP339U Datasheet HTML 1Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 2Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 3Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 4Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 5Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 6Page - Roithner LaserTechnik GmbH TP339U Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Thermopile Infrared Sensor
TP339
Microelectronics Dept. 2000.05
6 / 7
ROITHNER LASERTECHNIK
Tel: 43-1-5865243-0
Fax: 43-1-5865243-44
http://www.roithner-laser.com
▓ Transmission of filter
Transmission of optical filter is measured by FTIR from 2 µm
▓ Package
The sensor is hermetically sealed into a TO-18 metal housing, with optical filter. This
standard filter allows measurements to be made in the spectral range above 5 µm
wavelength. The dimensions of header and cap are shown below.
4.7000
3.0000
Window
IR Filter
Unit: mm
2.0
3.6
0.43
Chip
Cap
Header



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com