Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP339V Datasheet(PDF) 5 Page - Roithner LaserTechnik GmbH

Part # TP339V
Description  Thermopile Infrared Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

TP339V Datasheet(HTML) 5 Page - Roithner LaserTechnik GmbH

  TP339V Datasheet HTML 1Page - Roithner LaserTechnik GmbH TP339V Datasheet HTML 2Page - Roithner LaserTechnik GmbH TP339V Datasheet HTML 3Page - Roithner LaserTechnik GmbH TP339V Datasheet HTML 4Page - Roithner LaserTechnik GmbH TP339V Datasheet HTML 5Page - Roithner LaserTechnik GmbH TP339V Datasheet HTML 6Page - Roithner LaserTechnik GmbH TP339V Datasheet HTML 7Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Thermopile Infrared Sensor
TP339
Microelectronics Dept. 2000.05
5 / 7
ROITHNER LASERTECHNIK
Tel: 43-1-5865243-0
Fax: 43-1-5865243-44
http://www.roithner-laser.com
At temperature 25°C, R(T)=R25e
−
25
T
1
T
1
describes the resistance vs. temperature, where
R25 is the resistance at ambient temperature 25°C and T, T25 are the ambient temperatures
in unit of kelvin degrees.
▓ Pin assignment & description
2
thermistor pin
4
thermistor pin (GND)
1
thermopile output pin (+)
3
thermopile output pin (-)
▓ Order information : TP339 x
X :
U
:
Standard filter (5-14 µm).
V
:
Silicon filter with flat band transmission.
BACKSIDE VIEW
2(R)
3(V-)
1(V+) 4(GND)
Thermopile
Thermistor
SIDE VIEW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com