Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5840 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5840
Description  Silicon NPN epitaxial planar type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5840 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5840 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5840 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5840 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5840
2
SJD00297AED
Rth  t
PC  Ta
Safe operation area
0
160
40
120
80
140
20
100
60
0
35
30
25
20
15
10
5
(1)
(2)
(1) TC
= T
a
(2) Without heat sink
Ambient temperature T
a (°C)
1
10
100
1 000
0.01
0.1
1
10
100
Non repetitive pulse
T
C = 25˚C
I
CP
I
C
10 ms
t
= 1 ms
t
= 1 s
Collector-emitter voltage V
CE (V)
0.001
1 000
100
10
1
0.01
0.1
0.1
1 000
100
10
1
Time t (s)
Ta
= 25°C
(1) Without heat sink
(2) With a 100
× 100 × 2 mm AL heat sink
(1)
(2)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com