Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM74LS160A Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74LS160A
Description  Synchronous Presettable BCD Decade Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74LS160A Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM74LS160A Datasheet HTML 1Page - National Semiconductor (TI) DM74LS160A Datasheet HTML 2Page - National Semiconductor (TI) DM74LS160A Datasheet HTML 3Page - National Semiconductor (TI) DM74LS160A Datasheet HTML 4Page - National Semiconductor (TI) DM74LS160A Datasheet HTML 5Page - National Semiconductor (TI) DM74LS160A Datasheet HTML 6Page - National Semiconductor (TI) DM74LS160A Datasheet HTML 7Page - National Semiconductor (TI) DM74LS160A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted) (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
II
Input Current
Max
VCC e Max VI e 7V
Other
01
mA
Input Voltage
PE CET Inputs
02
IIH
High Level Input Current
VCC e Max VI e 27V
Other
20
m
A
PE CET Inputs
40
IIL
Low Level Input Current
VCC e Max VI e 04V Inputs
54LS
b
04
mA
DM74
b
16
PE CET Inputs
b
08
mA
IOS
Short Circuit
VCC e Max
54LS
b
20
b
100
mA
Output Current
(Note 2)
DM74
b
20
b
100
ICCH
Supply Current with
VCC e Max PE e GND
31
mA
Outputs HIGH
CP e
L Other Inputs e 45V
ICCL
Supply Current with
VCC e Max VIN e GND
31
mA
Outputs LOW
CP e
L
Switching Characteristics VCC ea50V TA ea25 C
RL e 2kX
Symbol
Parameter
CL e 15 pF
Units
Min
Max
fmax
Maximum Clock Frequency
25
MHz
tPLH
Propagation Delay
25
ns
tPHL
CP to TC
21
tPLH
Propagation Delay
24
ns
tPHL
CP to Qn
27
tPLH
Propagation Delay
14
ns
tPHL
CET to TC
23
tPHL
Propagation Delay
28
ns
MR to Qn (’160)
Functional Description
The ’LS160 and ’LS162 count modulo-10 in the BCD (8421)
sequence From state 9 (HLLH) they increment to state 0
(LLLL) The ’161 and ’163 count modulo-16 binary se-
quence From state 15 (HHHH) they increment to state 0
(LLLL) The clock inputs of all flip-flops are driven in parallel
through a clock buffer Thus all changes of the Q outputs
(except due to Master Reset of the ’LS160) occur as a re-
sult of and synchronous with the LOW-to-HIGH transition
of the CP input signal The circuits have four fundamental
modes of operation in order of precedence asynchronous
reset (’LS160) synchronous reset (’LS162) parallel load
count-up and hold Five control inputsMaster Reset (MR
’LS160) Synchronous Reset (SR ’LS162) Parallel Enable
(PE) Count Enable Parallel (CEP) and Count Enable Trickle
(CET)determine the mode of operation as shown in the
Mode Select Table A LOW signal on MR overrides all other
inputs and asynchronously forces all outputs LOW A LOW
signal on SR overrides counting and parallel loading and
allows all outputs to go LOW on the next rising edge of CP
A LOW signal on PE overrides counting and allows informa-
tion on the Parallel Data (Pn) inputs to be loaded into the
flip-flops on the next rising edge of CP With PE and MR
(’LS160) or SR (’LS162) HIGH CEP and CET permit count-
ing when both are HIGH Conversely a LOW signal on ei-
ther CEP or CET inhibits counting
The ’LS160A and ’LS162A use D-type edge-triggered flip-
flops and changing the SR PE CEP and CET inputs when
the CP is in either state does not cause errors provided that
the recommended setup and hold times with respect to the
rising edge of CP are observed
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com