Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54LS162AFMQB Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54LS162AFMQB
Description  Synchronous Presettable BCD Decade Counters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54LS162AFMQB Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54LS162AFMQB Datasheet HTML 1Page - National Semiconductor (TI) 54LS162AFMQB Datasheet HTML 2Page - National Semiconductor (TI) 54LS162AFMQB Datasheet HTML 3Page - National Semiconductor (TI) 54LS162AFMQB Datasheet HTML 4Page - National Semiconductor (TI) 54LS162AFMQB Datasheet HTML 5Page - National Semiconductor (TI) 54LS162AFMQB Datasheet HTML 6Page - National Semiconductor (TI) 54LS162AFMQB Datasheet HTML 7Page - National Semiconductor (TI) 54LS162AFMQB Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings (Note)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
54LS
b
55 Cto a125 C
DM74LS
0 Cto a70 C
Storage Temperature Range
b
65 Cto a150 C
Note
The ‘‘Absolute Maximum Ratings’’ are those values
beyond which the safety of the device cannot be guaran-
teed The device should not be operated at these limits The
parametric values defined in the ‘‘Electrical Characteristics’’
table are not guaranteed at the absolute maximum ratings
The ‘‘Recommended Operating Conditions’’ table will define
the conditions for actual device operation
Recommended Operating Conditions
Symbol
Parameter
54LS160A162A
DM74LS160A162A
Units
Min
Nom
Max
Min
Nom
Max
VCC
Supply Voltage
45
5
55
475
5
525
V
VIH
High Level Input Voltage
2
2
V
VIL
Low Level Input Voltage
07
08
V
IOH
High Level Output Current
b
04
b
04
mA
IOL
Low Level Output Current
4
8
mA
TA
Free Air Operating Temperature
b
55
125
0
70
C
ts(H)
Setup Time HIGH or LOW
20
20
ns
ts(L)
Pn to CP
20
20
th(H)
Hold Time HIGH or LOW
00
00
ns
th(L)
Pn to CP
00
00
ts(H)
Setup Time HIGH or LOW
20
20
ns
ts(L)
PE to CP
20
20
th(H)
Hold Time HIGH or LOW
0
0
ns
th(L)
PE to CP
0
0
ts(H)
Setup Time HIGH or LOW
20
20
ns
ts(L)
CEP CET or SR to CP
20
20
th(H)
Hold Time HIGH or LOW
0
0
ns
th(L)
CEP CET or SR to CP
0
0
tw(H)
CP Pulse Width
15
15
ns
tw(L)
HIGH or LOW
25
25
tw(L)
MR Pulse Width
15
15
ns
LOW (’160)
trec
Recovery Time
20
20
ns
MR to CP (’160)
Electrical Characteristics over recommended operating free air temperature range (unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 1)
VI
Input Clamp Voltage
VCC e Min II eb18 mA
b
15
V
VOH
High Level Output
VCC e Min IOH e Max
54LS
25
V
Voltage
VIL e Max
DM74
27
VOL
Low Level Output
VCC e Min IOL e Max
54LS
04
Voltage
VIH e Min
DM74
05
V
IOL e 4 mA VCC e Min
DM74
04
Note 1
All typicals are at VCC e 5V TA e 25 C
Note 2
Not more than one output should be shorted at a time and the duration should not exceed one second
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com