Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7787 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7787
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7787 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7787 Datasheet HTML 9Page - Analog Devices AD7787 Datasheet HTML 10Page - Analog Devices AD7787 Datasheet HTML 11Page - Analog Devices AD7787 Datasheet HTML 12Page - Analog Devices AD7787 Datasheet HTML 13Page - Analog Devices AD7787 Datasheet HTML 14Page - Analog Devices AD7787 Datasheet HTML 15Page - Analog Devices AD7787 Datasheet HTML 16Page - Analog Devices AD7787 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7787
Rev. 0 | Page 13 of 20
FILTER REGISTER (RS1, RS0 = 1, 0; POWER-ON/RESET = 0×04)
The filter register is an 8-bit register from which data can be read or to which data can be written. This register is used to set the output
word rate. Table 11 outlines the bit designations for the filter register. FR0 through FR7 indicate the bit locations, FR denoting the bits are
in the filter register. FR7 denotes the first bit of the data stream. The number in the parenthesis indicates the power-on/reset default status
of that bit.
FR7
FR6
FR5
FR4
FR3
FR2
FR1
FR0
0 (0)
0 (0)
CDIV1 (0)
CDIV0 (0)
0 (0)
FS2 (1)
FS1 (0)
FS0 (0)
Table 11. Filter Register Bit Designations
Bit
Location
Bit Name
Description
FR7 to
FR6
0
These bits must be programmed with a Logic 0 for correct operation.
FR5 to
FR4
CLKDIV1
to CDIV0
These bits are used to operate the AD7787 in the lower power modes. The clock is internally divided and the
power is reduced. In the low power modes, the update rates will scale with the clock frequency so that dividing
the clock by 2 causes the update rate to be reduced by a factor of 2 also.
00
Normal Mode
01
Clock Divided by 2
10
Clock Divided by 4
11
Clock Divided by 8
FR3
0
This bit must be programmed with a Logic 0 for correct operation.
FR2 to
FR0
FS2 to FS0
These bits set the output word rate of the ADC. The update rate influences the 50 Hz/60 Hz rejection and the
noise. Table 12 shows the allowable update rates when normal power mode is used. In the low power modes,
the update rate is scaled with the clock frequency. For example, if the internal clock is divided by a factor of 2,
the corresponding update rates are divided by 2 also.
Table 12. Update Rates
FS2
FS1
FS0
fADC (Hz)
f3dB (Hz)
RMS Noise (µV)
Rejection
0
0
0
120
28
40
25 dB @ 60 Hz
0
0
1
100
24
25
25 dB @ 50 Hz
0
1
0
33.3
8
3.36
0
1
1
20
4.7
1.6
80 dB @ 60 Hz
1
0
0
16.6
4
1.5
65 dB @ 50 Hz/60 Hz (Default Setting)
1
0
1
16.7
4
1.5
80 dB @ 50 Hz
1
1
0
13.3
3.2
1.2
1
1
1
9.5
2.3
1.1
67 dB @ 50 Hz/60 Hz
DATA REGISTER (RS1, RS0 = 1, 1; POWER-ON/RESET = 0×000000)
The conversion result from the ADC is stored in this data register. This is a read-only register. On completion of a read operation from
this register, the RDY bit/pin is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com