Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7923 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7923
Description  4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7923 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7923 Datasheet HTML 9Page - Analog Devices AD7923 Datasheet HTML 10Page - Analog Devices AD7923 Datasheet HTML 11Page - Analog Devices AD7923 Datasheet HTML 12Page - Analog Devices AD7923 Datasheet HTML 13Page - Analog Devices AD7923 Datasheet HTML 14Page - Analog Devices AD7923 Datasheet HTML 15Page - Analog Devices AD7923 Datasheet HTML 16Page - Analog Devices AD7923 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD7923
–13–
REV. 0
two address bits indicating which channel the conversion result
corresponds to, followed by the 12 bits of conversion data. For
applications where power consumption is of concern, the power-
down modes should be used between conversions or bursts of
several conversions to improve power performance. See the
Modes of Operation section.
SERIAL
INTERFACE
AD780
2.5V
AD7923
0.1 F
C/ P
0.1 F
10 F
3V
SUPPLY
5V
SUPPLY
0.1 F
10 F
AGND
AVDD
VIN0
•
•
VIN3
0V TO REFIN
SCLK
DOUT
CS
DIN
VDRIVE
REFIN
NOTE: ALL UNUSED INPUT CHANNELS MUST BE CONNECTED TO AGND
Figure 10. Typical Connection Diagram
Analog Input Selection
Any one of four analog input channels may be selected for con-
version by programming the multiplexer with the address bits
ADD1 and ADD0 in the Control Register. The channel configu-
rations are shown in Table II.
The AD7923 may also be configured to automatically cycle
through a number of channels as selected. The sequencer fea-
ture is accessed via the SEQ1 and SEQ0 bits in the Control
Register. (See Table IV). The AD7923 can be programmed to
continuously convert on a number of consecutive channels in
ascending order from Channel 0 to a selected final channel as
determined by the channel address bits ADD1 and ADD0. This
is possible if the SEQ1 and SEQ0 bits are set to 1,1. The next
serial transfer will then act on the sequence programmed by
executing a conversion on Channel 0. The next serial transfer
will result in a conversion on Channel 1, and so on, until the
channel selected via the address bits ADD1, ADD0 is reached.
It is not necessary to write to the Control Register again once a
sequencer operation has been initiated. The WRITE bit must be
set to zero or the DIN line tied low to ensure that the Control
Register is not accidently overwritten, or the sequence operation
interrupted. If the Control Register is written to at any time
during the sequence, the user must ensure that the SEQ1 and
SEQ0 bits are set to 1,0 to avoid interrupting the automatic
conversion sequence. This pattern will continue until the AD7923
is written to and the SEQ1 and SEQ0 bits are configured with
any bit combination except 1,0 resulting in the termination of
the sequence. If uninterrupted, however (WRITE bit = 0, or
WRITE bit = 1 and SEQ1 and SEQ0 bits are set to 1,0), then
upon completion of the sequence, the AD7923 sequencer will
return to the Channel 0 and commence the sequence again.
Regardless of which channel selection method is used, the 16-bit
word output from the AD7923 during each conversion will
always contain two leading zeros, two channel address bits that
the conversion result corresponds to, followed by the 12-bit
conversion result. (See the Serial Interface section.)
Digital Inputs
The digital inputs applied to the AD7923 are not limited by
the maximum ratings that limit the analog inputs. Instead, the
digital inputs applied can go to 7 V and are not restricted by the
AVDD + 0.3 V limit as on the analog inputs.
Another advantage of SCLK, DIN, and
CS not being restricted by
the AVDD + 0.3 V limit is that possible power supply sequencing
issues are avoided. If
CS, DIN, or SCLK is applied before AV
DD,
there is no risk of latch-up as there would be on the analog inputs
if a signal greater than 0.3 V was applied prior to AVDD.
VDRIVE
The AD7923 also has the VDRIVE feature. VDRIVE controls the
voltage at which the serial interface operates. VDRIVE allows the
ADC to easily interface to both 3 V and 5 V processors. For
example, if the AD7923 were operated with an AVDD of 5 V, the
VDRIVE pin could be powered from a 3 V supply. The AD7923
has a larger dynamic range with an AVDD of 5 V while still being
able to interface to 3 V processors. Care should be taken to
ensure that VDRIVE does not exceed AVDD by more than 0.3 V.
(See the Absolute Maximum Ratings section.)
R3
R2
R4
REFIN
VIN0
VIN3
AD7923
DSP/ P
VDD
0.1 F
V
AVDD
VDRIVE
DOUT
TWOS
COMPLEMENT
+REFIN
REFIN
–REFIN
011…111
000…000
100…000
(= 0V)
(= 2
REFIN)
0V
V
R1
R1
R2
R3
R4
VDD
VREF
•
•
Figure 9. Handling Bipolar Signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com