Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMA1825 Datasheet(PDF) 7 Page - Cree, Inc

Part # CMA1825
Description  Cree XLamp CMA1825 LED
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CMA1825 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CMA1825 Datasheet HTML 3Page - Cree, Inc CMA1825 Datasheet HTML 4Page - Cree, Inc CMA1825 Datasheet HTML 5Page - Cree, Inc CMA1825 Datasheet HTML 6Page - Cree, Inc CMA1825 Datasheet HTML 7Page - Cree, Inc CMA1825 Datasheet HTML 8Page - Cree, Inc CMA1825 Datasheet HTML 9Page - Cree, Inc CMA1825 Datasheet HTML 10Page - Cree, Inc CMA1825 Datasheet HTML 11Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright © 2017 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, XLamp® and EasyWhite® are registered trademarks and the Cree logo is a
trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
7
XLamp® Cma1825 LED
PErforMAnCE grouPs - ChroMAtiCity (t
J = 85 °C)
XLamp CMA1825 LEDs are tested for chromaticity and placed into one of the regions defined by the following bounding coordinates.
EasyWhite Color temperatures – 2-step
Code
CCt
x
y
40H
4000 K
0.3777
0.3739
0.3797
0.3816
0.3861
0.3855
0.3838
0.3777
35H
3500 K
0.4022
0.3858
0.4053
0.3942
0.4125
0.3977
0.4091
0.3891
30H
3000 K
0.4287
0.3975
0.4328
0.4064
0.4390
0.4086
0.4347
0.3996
27H
2700 K
0.4524
0.4048
0.4574
0.4140
0.4633
0.4154
0.4581
0.4062
EasyWhite Color temperatures – 3-step Ellipse
bin Code
CCt
Center Point
Major Axis
Minor Axis
rotation Angle
(°)
x
y
a
b
57G
5700 K
0.3287
0.3417
0.00738
0.00360
72.0
50G
5000 K
0.3447
0.3553
0.00840
0.00312
65.0
40G
4000 K
0.3818
0.3797
0.00939
0.00402
53.7
35G
3500 K
0.4073
0.3917
0.00927
0.00414
54.0
30G
3000 K
0.4338
0.4030
0.00834
0.00408
53.2
27G
2700 K
0.4577
0.4099
0.00834
0.00420
48.5
EasyWhite Color temperatures – 5-step Ellipse
bin Code
CCt
Center Point
Major Axis
Minor Axis
rotation Angle
(°)
x
y
a
b
65e
6500 K
0.3123
0.3282
0.01110
0.00550
61.0
57e
5700 K
0.3287
0.3417
0.01230
0.00600
72.0
50e
5000 K
0.3447
0.3553
0.01400
0.00520
65.0
40e
4000 K
0.3818
0.3797
0.01565
0.00670
53.7
30e
3000 K
0.4338
0.4030
0.01390
0.00680
53.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com