Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA6425FS Datasheet(PDF) 1 Page - LSI Computer Systems

Part # BA6425FS
Description  3-phase full-wave fan motor driver IC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

BA6425FS Datasheet(HTML) 1 Page - LSI Computer Systems

  BA6425FS Datasheet HTML 1Page - LSI Computer Systems BA6425FS Datasheet HTML 2Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3-phase full-wave fan motor driver IC
BA6425FS
Description
Dimension (Units : mm)
Features
Applications
01W148A
April, 2002
Absolute Maximum Ratings (Ta=25˚C)
∗1 Derating : 7.6mW/˚C for operation above Ta=25˚C. PCB (70mmx70mm, t=1.6mm) glass epoxy mounting.
∗2 However, do not exceed Pd, and ASO.
SSOP-A32
0.15
± 0.1
1
32
0.36
± 0.1
16
17
13.6
± 0.2
0.8
0.1
Maximum supply voltage
Power dissipation
Operating temperature range
Storage temperature range
Parameter
Symbol
Limits
Unit
Vcc
Pd
Topr
Tstg
18
0.95
+75
+150
–30
–55
~
~
W
˚C
˚C
˚C
V
Maximum supply voltage
VM
18
V
∗1
∗2
Output current
Iomax
1000
Junction temperature
Tjmax
150
mA
3-phase full-wave fan motor
BA6425FS is a 3-phase full-wave fan motor driver IC.
Noise generated by the motor can be reduced by
linear driving system. Forward/reverse rotation
can be switched. This IC has current limit circuit
and FG output.
1) Linear driving system
2) Forward/reverse select switch
3) Built-in current limiter and thermal shut down
4) FG output


Similar Part No. - BA6425FS

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6423AF ROHM-BA6423AF Datasheet
228Kb / 5P
Single-Phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF Datasheet
288Kb / 4P
Single-phase Full-Wave Motor Pre-Driver for Fan
BA6423AF ROHM-BA6423AF Datasheet
108Kb / 4P
Silicon Monolithic Integrated Circuit
BA6423AF ROHM-BA6423AF Datasheet
578Kb / 13P
Standard Single-phase Full wave Fan Motor Driver
BA6423AF-E2 ROHM-BA6423AF-E2 Datasheet
578Kb / 13P
Standard Single-phase Full wave Fan Motor Driver
More results

Similar Description - BA6425FS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN8480NSB PANASONIC-AN8480NSB Datasheet
65Kb / 6P
3-phase full-wave motor driver IC
logo
LSI Computer Systems
BA6428F LSI-BA6428F Datasheet
263Kb / 2P
Single phase full-wave driver IC for fan motor
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
Sanyo Semicon Device
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
Single-Phase Full-Wave Fan Motor Driver
logo
ON Semiconductor
ENA2073 ONSEMI-ENA2073 Datasheet
281Kb / 5P
Single-phase Full-wave Fan Motor IC
May, 2013
LA6681MC ONSEMI-LA6681MC Datasheet
287Kb / 4P
Single-phase Full-wave Fan Motor IC
May, 2013
LA6597FMC ONSEMI-LA6597FMC Datasheet
281Kb / 5P
Single-phase Full-wave Fan Motor IC
May, 2013
logo
Rohm
BH67172NUX ROHM-BH67172NUX Datasheet
673Kb / 20P
Three-Phase Full-Wave Fan Motor Driver
BD63242EFV ROHM-BD63242EFV Datasheet
1Mb / 33P
Three-phase Full-wave Fan Motor Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com