Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE83CR1007 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE83CR1007
Description  Circulators Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83CR1007 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE83CR1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83CR1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83CR1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83CR1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83CR1007 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
-1.0
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0.0
4
4.5
5
5.5
6
6.5
7
7.5
8
0 dB
4 GHz
Insertion Loss
-70
-60
-50
-40
-30
-20
-10
0
4
4.5
5
5.5
6
6.5
7
7.5
8
0 dB
4 GHz
Isolation And Return Loss
Return Loss
Isolation
PE83CR1007 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power Circulator With 18 dB Isolation From 4 GHz to 8 GHz, 50 Watts And N Female
PE83CR1007
Circulators Technical Data Sheet
PE83CR1007
High Power Circulator With 18 dB Isolation From
4 GHz to 8 GHz, 50 Watts And N Female



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com