Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DR10D06X Datasheet(PDF) 4 Page - Crydom Inc.,

Part # DR10D06X
Description  Load voltage ratings of 1-60VDC, 1-100VDC, 24-280VAC and 48-600VAC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

DR10D06X Datasheet(HTML) 4 Page - Crydom Inc.,

  DR10D06X Datasheet HTML 1Page - Crydom Inc., DR10D06X Datasheet HTML 2Page - Crydom Inc., DR10D06X Datasheet HTML 3Page - Crydom Inc., DR10D06X Datasheet HTML 4Page - Crydom Inc., DR10D06X Datasheet HTML 5Page - Crydom Inc., DR10D06X Datasheet HTML 6Page - Crydom Inc., DR10D06X Datasheet HTML 7Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DataSheet
DIN Rail Mount
Do not forget to visit us at: www.crydom.com
Copyright © 2017 Crydom Inc. Specifications subject to change without notice.
Rev 052516
6
5
4
3
2
1
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
DRxxx06X
12
10
8
6
4
2
10
0
20
30
40
50
60
70
80
0
Ambient Temperature (ºC)
DRxxx12X
Installed single unit, distance to adjacent components ≥ 11 mm for DRxxx06X & ≥ 18mm for DRxxx12X
Multiple units, no minimum spacing between components
AGENCY APPROVALS
II 3G Ex nA IIC T4 Gc
E364559
IND. CONT. EQ.
4WB8
THERMAL DERATE INFORMATION
Agency Approvals
Derating Curves are not approved for the ATEX Certification



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com