Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5L100LE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI5L100LE
Description  Wide Bandwidth Low Voltage LanSwitch Quad 2:1 Mux/Demux
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5L100LE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI5L100LE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 11Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 12Page - Pericom Semiconductor Corporation PI5L100LE Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PI5L100
Wide-Bandwidth,Low-Voltage
LanSwitch Quad 2:1 Mux/Demux
10
PS7031F
09/17/04
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Figure 12b. Loop Back
Figure 12c. Line Termination
Figure 12d. Line Clamp
TX1
RX1
100
Ω
120
Ω
Figure 14a. Crosstalk EV Board
Figure 13. VCC Bias Current
+V
PI5L100
R
1 mA
VCC
6.2V
ZENER
JP5
VCC
GND
VCC
PERICOM SEMI
CROSSTALK
EVAL PCB
TP+
TP–
RP+
RP–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com