Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL2FL Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL2FL
Description  High Voltage Silicon Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL2FL Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL2FL Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL2FL Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL2FL
120mA 15kV 100nS
High Voltage Silicon Rectifier Diode
----------------------------------------------------------------------------------------------------------------------------- -------
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD
TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-10 1 / 2
INTRODUCE:
HVGT high voltage silicon rectifier diodes is made
of high quality silicon wafer chip and high
reliability epoxy resin sealing structure, and
through professional testing equipment inspection
qualified after to customers.
FEATURES:
1. High reliability design.
2. Small volume.
3. High frequency.
4. Conform to RoHS and SGS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Negative ion generator.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.65 grams (approx).
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-415
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value
Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
15
kV
Non-Repetitive Peak Renerse Voltage
VRSM
TA=25°C
--
kV
Average Forward Current Maximum
IFAVM
TA=40°C
120
mA
TOIL=55°C
200
mA
Non-Repetitive Forward Surge Current
IFSM
TA=25°C; 50Hz Half-Sine Wave; 8.3mS
10
A
Junction Temperature
TJ
125
°C
Allowable Operation Case Temperature
Tc
-40~+125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value
Units
Maximum Forward Voltage Drop
VFM
at 25°C; at IFAVM
26
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; at VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
2.5
pF


Similar Part No. - 2CL2FL

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
2CL2FL EDI-2CL2FL Datasheet
40Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL2FL GETEDZ-2CL2FL Datasheet
63Kb / 1P
15kV 100mA HIGH VOLTAGE DIODE
logo
Anshan Leadsun Electron...
2CL2FL LEADSUN-2CL2FL Datasheet
328Kb / 1P
High Voltage Diode
logo
New Jersey Semi-Conduct...
2CL2FL NJSEMI-2CL2FL Datasheet
51Kb / 1P
HIGH VOLTAGE, MEDIUM CURRENT SILICON RECTIFIER DIODES
logo
DONGGUAN YOU FENG WEI E...
2CL2FL YFWDIODE-2CL2FL Datasheet
375Kb / 2P
Fast recovery high voltage diodes
More results

Similar Description - 2CL2FL

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL2FG GETEDZ-2CL2FG_17 Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
2CL2FM GETEDZ-2CL2FM_17 Datasheet
515Kb / 2P
High Voltage Silicon Rectifier Diode
AF02-20F GETEDZ-AF02-20F Datasheet
521Kb / 2P
High Voltage Silicon Rectifier Diode
ESJA02-20A GETEDZ-ESJA02-20A Datasheet
522Kb / 2P
High Voltage Silicon Rectifier Diode
AF03-20F GETEDZ-AF03-20F Datasheet
518Kb / 2P
High Voltage Silicon Rectifier Diode
ESJA57-04A GETEDZ-ESJA57-04A Datasheet
627Kb / 2P
High Voltage Silicon Rectifier Diode
ESJA57-06A GETEDZ-ESJA57-06A Datasheet
616Kb / 2P
High Voltage Silicon Rectifier Diode
2CL69A GETEDZ-2CL69A_17 Datasheet
624Kb / 2P
High Voltage Silicon Rectifier Diode
2CL74A GETEDZ-2CL74A Datasheet
638Kb / 2P
High Voltage Silicon Rectifier Diode
2CL75 GETEDZ-2CL75_17 Datasheet
638Kb / 2P
High Voltage Silicon Rectifier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com