Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74F657DWR Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74F657DWR
Description  OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER AND 3-STATE OUTPUTS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F657DWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74F657DWR Datasheet HTML 2Page - Texas Instruments SN74F657DWR Datasheet HTML 3Page - Texas Instruments SN74F657DWR Datasheet HTML 4Page - Texas Instruments SN74F657DWR Datasheet HTML 5Page - Texas Instruments SN74F657DWR Datasheet HTML 6Page - Texas Instruments SN74F657DWR Datasheet HTML 7Page - Texas Instruments SN74F657DWR Datasheet HTML 8Page - Texas Instruments SN74F657DWR Datasheet HTML 9Page - Texas Instruments SN74F657DWR Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SN74F657
OCTAL TRANSCEIVER WITH PARITY GENERATOR/CHECKER
AND 3-STATE OUTPUTS
SDFS027A – D3217, JANUARY 1989 – REVISED OCTOBER 1993
2–6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
R1 = 500
Ω,
R2 = 500
Ω,
TA = MIN to MAX †
UNIT
MIN
TYP
MAX
MIN
MAX
tPLH
AorB
BorA
2.5
4.2
7.5
2.5
8
ns
tPHL
A or B
B or A
3
4
7.5
3
8
ns
tPLH
A
PARITY
6
8.4
14
6
16
ns
tPHL
A
PARITY
6.8
8.5
15
6.8
16
ns
tPLH
ODD/EVEN
PARITY ERR
4
6.4
11
4
12
ns
tPHL
ODD/EVEN
PARITY, ERR
4.5
6.9
11.5
4.5
12.5
ns
tPLH
B
ERR
8
12.7
20.5
7.5
22.5
ns
tPHL
B
ERR
8
13.4
20.5
7.5
22.5
ns
tPLH
PARITY
ERR
6
8.1
15.5
6
16.5
ns
tPHL
PARITY
ERR
7.5
8.8
15.5
7.5
17
ns
tPZH
OE
A B PARITY or ERR‡
3
5.3
8
3
9
ns
tPZL
OE
A, B, PARITY, or ERR‡
4
5.4
9.5
4
11
ns
tPHZ
OE
A B PARITY or ERR‡
2
4.2
7.5
2
8
ns
tPLZ
OE
A, B, PARITY, or ERR‡
2
3.7
6
2
6.5
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ These delay times reflect the 3-state recovery time only and not the signal through the buffers or parity check circuitry. To assure valid information
at the ERR output pin, time must be allowed for the signal to propagate through the drivers (B to A), and to the ERR output. Valid data at the ERR
output is greater than or equal to (B to A) + (A to PARITY).
NOTE 2: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com