Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDX-SC12 Datasheet(PDF) 2 Page - Bel Fuse Inc.

Part # LDX-SC12
Description  Pluggable connectors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

LDX-SC12 Datasheet(HTML) 2 Page - Bel Fuse Inc.

  LDX-SC12 Datasheet HTML 1Page - Bel Fuse Inc. LDX-SC12 Datasheet HTML 2Page - Bel Fuse Inc. LDX-SC12 Datasheet HTML 3Page - Bel Fuse Inc. LDX-SC12 Datasheet HTML 4Page - Bel Fuse Inc. LDX-SC12 Datasheet HTML 5Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
LDX-SC12
tech.support@psbel.com
Input DC Rated Voltage
Nominal:
Range:
12 VDC
0 – 16 VDC
Absolute Maximum Voltage
17 VDC
Energy Storage Capacity
7.6 kJ (2.1 Wh)
Input Current for Capacitor Charging
20 A max
Charging Time
See Figure 1
Output Current for Capacitor Discharging
30 A for 5 sec (see Figures 2, 3, 4)
20 A
Protections
Reverse polarity connection
Short circuit through 30A/32V ATO blade, user
replaceable
Overvoltage protection
Operating Temperature
Overtemperature protection
- 40 to + 85°C
Voltage Derating
- 120 mV / °C over 65°C
Storage Temperature
- 40 to + 80°C
Humidity
Non-condensing
5 - 95% RH
Cooling
Natural convection
Charging / Discharging Cycles
At 25°C ambient
500 000
Life Time Expectancy
At 25°C ambient
10 years
DC Bus / Ground Isolation
0.75 kVDC
Safety Standards
UL508 (reference)
EN60950 (reference)
EMC Standards
Emission
EN55022 (CISPR11)
EN55011 (CISPR22)
Class B
Class B
Immunity
EN61000-4-2
EN61000-4-3
EN61000-4-4
EN61000-4-5
Level 3
Level 3
Level 3
Level 1
Protection Degree
EN60529
IP20
Vibration Sinusoidal
IEC 60068-2-6
5-17.8 Hz: ±1.6 mm; 17.8-500 Hz:
2 g 2Hours / axis (X,Y,Z)
Shock
IEC 60068-2-27
30 g 6 ms, 20 g 11 ms; 3 bumps / direction,
18 bumps total
Weight
750 g
Dimensions
80 x 120 x 110 mm
Connection Terminals
Screw type pluggable (24 - 12 AWG)
2.5 mm²
Case Material
Aluminum
NOTE:
Technical parameters are typical, measured in laboratory environment at 25°C and 16 VDC.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com