Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYW80FP-200 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYW80FP-200
Description  HIGH EFFICIENCY FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYW80FP-200 Datasheet(HTML) 2 Page - STMicroelectronics

  BYW80FP-200 Datasheet HTML 1Page - STMicroelectronics BYW80FP-200 Datasheet HTML 2Page - STMicroelectronics BYW80FP-200 Datasheet HTML 3Page - STMicroelectronics BYW80FP-200 Datasheet HTML 4Page - STMicroelectronics BYW80FP-200 Datasheet HTML 5Page - STMicroelectronics BYW80FP-200 Datasheet HTML 6Page - STMicroelectronics BYW80FP-200 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BYW80F/FP-200
2/7
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Tj = 25°C
VR =VRRM
10
µA
Tj = 100°C
1mA
VF**
Tj = 125°C
IF =7A
0.85
V
Tj = 125°C
IF =15A
1.05
Tj = 25°C
IF =15A
1.15
Pulse test:*tp=5ms, duty cycle<2%
** tp = 380
µs, duty cycle<2%
To evaluate the conduction losses use the following equation :
P=0.65xIF(AV) + 0.027 x IF
2
(RMS)
ELECTRICAL CHARACTERISTICS
STATIC CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 0.5A
IR =1A
Irr = 0.25A
25
ns
IF =1A
VR = 30V
dIF/dt = -50A/
µs35
tfr
Tj =25
°CIF =1A
VFR =1.1xVF
tr=10ns
15
ns
VFP
Tj = 25°C
IF =1A
tr=10ns
2
V
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO-220AC
2.5
°C/W
ISOWATT220AC / TO-220FPAC
4.7
THERMAL RESISTANCE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com