Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE83IR1007 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE83IR1007
Description  TECHNICAL DATA SHEET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE83IR1007 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE83IR1007 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE83IR1007 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE83IR1007 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE83IR1007 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE83IR1007 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
TECHNICAL DATA SHEET
-40
-35
-30
-25
-20
-15
-10
-5
0
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
0 dB
4 GHz
Isolation And Return Loss
Return Loss
Isolation
High Power Isolator With 18 dB Isolation From 4 GHz to 8 GHz, 50 Watts And N Female from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power Isolator With 18 dB Isolation From 4 GHz to 8 GHz, 50 Watts And N Female
PE83IR1007
URL:
http://www.pasternack.com/high-power-isolator-18db-isolation-8-ghz-50-watts-n-female-pe83ir1007-p.aspx
PE83IR1007
PE83IR1007 REV 1.0
High Power Isolator With 18 dB Isolation From
4 GHz to 8 GHz, 50 Watts And N Female



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com