Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE87FL1014 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE87FL1014
Description  TECHNICAL DATA SHEET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE87FL1014 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE87FL1014 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE87FL1014 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE87FL1014 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE87FL1014 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
TECHNICAL DATA SHEET
-120
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
6
7
8
9
10
11
12
0 dB
GHz
Wideband
S11
S21
13 Section Lowpass Filter With SMA Female Connectors Operating From DC to 4.4 GHz from Pasternack Enterprises has
same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products maintain a 99%
availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 13 Section Lowpass Filter With SMA Female Connectors Operating From DC to 4.4 GHz
PE87FL1014
URL: https://www.pasternack.com/13-section-low-pass-filter-dc-4.4-ghz-passband-4.4-ghz-pe87fl1014-p.aspx
PE87FL1014
PE87FL1014 REV 1.1
13 Section Lowpass Filter With SMA Female
Connectors Operating From DC to 4.4 GHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com