Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM7805T Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # COM7805T
Description  COMMERCIAL OFF-THE-SHELF POSITIVE FIXED VOLTAGE REGULATORS IN TO-257 PAC K
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

COM7805T Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  COM7805T Datasheet HTML 1Page - List of Unclassifed Manufacturers COM7805T Datasheet HTML 2Page - List of Unclassifed Manufacturers COM7805T Datasheet HTML 3Page - List of Unclassifed Manufacturers COM7805T Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3.3 - 3
3.3
COM7800T Series
ELECTRICAL CHARACTERISTICS
15 Volt
V
IN = 23V, Io = 500mA, -55°C
T
A
125°C (unless otherwise specified)
Parameter
Symbol
Test Conditions
Min.
Max.
Unit
Output Voltage
V
OUT
T
A = 25°C
14.7
15.3
V
V
IN = 18.5V to 30V
•
14.5
15.5
V
Line Regulation
V
RLINE
V
IN = 17.5V to 30V
20
m V
(Note 1)
•
50
m V
V
IN = 20V to 26V
15
m V
•
25
m V
Load Regulation
V
RLOAD
I
O = 5mA to 1.5 Amp
35
m V
(Note 1)
I
O = 5mA to 1.0 Amp
•
75
m V
I
O = 250mA to 750 mA
21
m V
•
45
m V
Standby Current Drain
I
SCD
6.0
m A
•
6.5
m A
Standby Current Drain
DI
SCD
V
IN = 18.5V to 30V
•
0.8
m A
Change With Line
(Line)
Standby Current Drain
DI
SCD
I
O = 5mA to 1000mA
•
0.5
m A
Change With Load
(Load)
Dropout Voltage
V
DO
T
A = 25°C, DVOUT = 100mV, IO = 1.0A
2.5
V
Peak Output Current
I
O (pk)
T
A = 25°C
1.5
3.3
A
Short Circuit Current
I
DS
V
IN = 35V
1.2
A
(Note 2)
•
2.8
A
Ripple Rejection
DV
IN
f =120 Hz, DV
IN = 10V
54
dB
DV
OUT
(Note 3)
•
52
dB
Output Noise Voltage
N
O
T
A = 25°C, f =10 Hz to 100KHz
40
µV/V
(Note 3)
RMS
Long Term Stability
DV
OUT
T
A = 25°C, t = 1000 hrs.
150
m V
(Note 3)
Dt
Notes:
1
. Load and Line Regulation are specified at a constant junction temperature. Pulse testing with low duty cycle is used.
Changes in output voltage due to heating effects must be taken into account separately.
2
. Short Circuit protection is only assured up to V
IN = 35V.
3
. If not tested, shall be guaranteed to the specified limits.
The • denotes the specifications which apply over the full operating temperature range.
3.5
3
2.5
2
1.5
1
0.5
0
05
101520253035
PEAK OUTPUT CURRENT
DV
OUT =
100mV
T
j =-
T
j = 25°C
T
j = 150°C
Input To Output Differential (V)
2.5
2
1.5
1
0.5
0
-75-50-250255075
100
125 150
DROPOUT VOLTAGE
DV
OUT =
100MV
I
OUT = 0A
I
OUT =
I
OUT = 1A
Junction Temperature (°C)
100
80
60
40
20
10
100
1k10k
100k
RIPPLE REJECTION
V
OUT = 5V
V
IN - V = 8VDC + 3.5 Vrms
I
OUT = 1A
T
j = 25°C
Frequency (Hz)
TYPICAL PERFORMANCE CHARACTERISTICS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com