Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE88D2000 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE88D2000
Description  Frequency Multipliers Technical Data Sheet
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE88D2000 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE88D2000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE88D2000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Performance by Frequency
Description
Conditions
Min.
Typ.
Max.
Units
Maximum Input Frequency
18
19
GHz
Minimum Input Frequency
Sine Wave Input
0.5
GHz
Fin = 2 To 4 GHz
-15
-10
+10
dBm
Fin = 4 To 14 GHz
-20
-15
+10
dBm
Fin = 14 To 16 GHz
-20
-15
+5
dBm
Fin = 16 To 18 GHz
-15
-10
0
dBm
Output Power
Fin = 0.5 To 18 GHz
-7
-4
dBm
Reverse Leakage
Fin = 0.5 To 18 GHz
55
dB
SSB Phase Noise (100 KHz Offset)
Pin = 0 dBm, Fin = 4.8 GHz
-150
dBc/Hz
Output Transition Time
Pin = 0 dBm, Fout = 882 MHz
100
ps
Supply Current (Icc)
75
mA
Input Power Range
Mechanical Specifications
Size
Length
0.64 in [16.26 mm]
Width
0.59 in [14.99 mm]
Height
0.29 in [7.37 mm]
Weight
0.06 lbs [27.22 g]
Body Material and Plating
Nickel, Gold
Input Connector
Field Replaceable SMA Female
Output Connector
Field Replaceable SMA Female
Power Supply Connector
Solder Pin
Environmental Specifications
Temperature
Operating Range
-55 to +85 deg C
Storage Range
-65 to +150 deg C
Temperature Cycling
MIL-STD-883, Method 101C, Cond B
Hermetic Seal
Gross Leak MIL-STD-883 Method 1014C1/Fine Leak
MIL-STD-883, Method 1014A2, 5 x 10-8 atm cc
ESD Sensitivity
ESD Class 1A Material, Transport in Approved ESD
bags. Handle only in approved ESD Workstation.
PE88D2000 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Frequency Divider, Divide by 2 Prescaler Module, 500 MHz to 18 GHz, Field Replaceable
SMA PE88D2000
Frequency Dividers Technical Data Sheet
PE88D2000
Frequency Divider, Divide by 2 Prescaler Module,
500 MHz to 18 GHz, Field Replaceable SMA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com