Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE4621 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4621
Description  TECHNICAL DATA SHEET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4621 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4621 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4621 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4621 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal,
.480 inch D Hole
Configuration
Connector
BNC Female
Connector Specification
MIL-C-39012
Connector Interface Type
Turret
Cable Attachment Method (Shield/Contact)
Solder
Body Style
Straight
Mount Method
Bulkhead
Isolated Ground / Hermetic
Hermetically Sealed
Electrical Specifications
Impedance, Ohms
75
Mechanical Specifications
Temperature
Operating Range, deg C
-65 to +165
Size
Length, in [mm]
1.205 [30.61]
Width/Dia., in [mm]
0.75 [19.05]
.
Weight, lbs [g]
0.048 [21.77]
Connector
Type
BNC Female
Contact Material and Plating
Silver
Contact Plating Specification
QQ-S-365
Body Material and Plating
Brass, Nickel
Dielectric Type
Teflon
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
Yes
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret
Terminal, .480 inch D Hole PE4621
PE4621
PE4621 REV 01
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector
Solder Attachment Turret Terminal, .480 inch D Hole


Similar Part No. - PE4621

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4620 PASTERNACK-PE4620 Datasheet
221Kb / 3P
75 Ohm BNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4622 PASTERNACK-PE4622 Datasheet
215Kb / 2P
75 Ohm BNC Female Right Angle Bulkhead Connector Solder Attachment Solder Cup Terminal, .361 inch D Hole
PE4623 PASTERNACK-PE4623 Datasheet
328Kb / 3P
RF Connectors Technical Data Sheet
PE4624 PASTERNACK-PE4624 Datasheet
215Kb / 2P
75 Ohm BNC Female Bulkhead Hermetically Sealed Connector Solder Attachment Turret Terminal, .350 inch D Hole
PE4625 PASTERNACK-PE4625 Datasheet
213Kb / 3P
75 Ohm BNC Male Connector Solder Attachment 4 Hole Flange Solder Cup Terminal, .531 inch Hole Spacing
More results

Similar Description - PE4621

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE15A3270 PASTERNACK-PE15A3270 Datasheet
465Kb / 9P
TECHNICAL DATA SHEET
PE15A3295 PASTERNACK-PE15A3295 Datasheet
447Kb / 6P
TECHNICAL DATA SHEET
PE15A3502 PASTERNACK-PE15A3502_17 Datasheet
566Kb / 6P
TECHNICAL DATA SHEET
PE15A3595 PASTERNACK-PE15A3595_17 Datasheet
450Kb / 6P
TECHNICAL DATA SHEET
PE15A3900 PASTERNACK-PE15A3900_17 Datasheet
421Kb / 6P
TECHNICAL DATA SHEET
PE15A4029 PASTERNACK-PE15A4029 Datasheet
490Kb / 7P
TECHNICAL DATA SHEET
PE15A4038 PASTERNACK-PE15A4038 Datasheet
437Kb / 6P
TECHNICAL DATA SHEET
PE15A4040 PASTERNACK-PE15A4040 Datasheet
442Kb / 6P
TECHNICAL DATA SHEET
PE15A8007 PASTERNACK-PE15A8007 Datasheet
435Kb / 5P
TECHNICAL DATA SHEET
PE15A9002 PASTERNACK-PE15A9002 Datasheet
484Kb / 7P
TECHNICAL DATA SHEET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com