Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RH10F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RH10F
Description  Damper Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RH10F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RH10F Datasheet HTML 1Page - List of Unclassifed Manufacturers RH10F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
40
s External Dimensions
Flammability: UL94V-0 or Equivalent (Unit: mm)
4.0±0.2
0.78±0.05
Cathode Mark
1.4±0.1
6.5±0.2
Cathode Mark
1.2±0.05
5.2±0.2
Cathode Mark
4.0±0.2
0.98±0.05
Cathode Mark
10.0
2.2
2.6
4.2
2.8
1.35
0.85
5.08
0.45
3.3
5.5±0.2
3.45±0.2
0.8
3.35
0.65
3.3
15.6±0.2
1.75±1.75
1.05
5.45
5.45
+0.2
–0.1
+0.2
–0.1
Damper Diodes
t rr
: IF/IR (=IF)
90% Recovery Point
(ex. IF/IR =100mA/100mA 90% Recovery Point)
t rr
: IF/IR (=2 IF) 75% Recovery Point
(ex. IF/IR =100mA/200mA 75% Recovery Point)
1
2
Division
Part Number
VRM
(V)
IF (AV)
(A)
( ) is with
Heatsink
IFSM
(A)
50Hz
Half-cycle Sinewave
Single Shot
VF
(V)
IF
(A)
IF/IFP
(mA)
IR
(
µA)
IR (H)
(mA)
VR =VRM
max
VR =VRM
max
Tj
(
°C)
Tstg
(
°C)
Ta
(
°C)
max
Mass
(g)
For TV
1300
1500
1600
1700
1800
1300
1500
1700
1800
1300
1600
1.0
0.8
1.0
2.0
2.5
1.5 (2.5)
2.5
2.5
6.0
10
1.2 (1.5)
1.5 (2.5)
2.0
5.0
10
10
10
10
10
10
8.0
0.5
1.0
RH 2D
RH 10F
RH 2F
RS 3FS
RH 3F
RS 4FS
RH 4F
RH 3G
FMV-G2GS
FMR-G5HS
RU 4D
RU 4DS
RP 3F
FMQ-G1FS
FMQ-G2FLS
FMU-G2FS
FMQ-G2FS
FMQ-G2FMS
FMQ-G5FMS
FMQ-G5GS
FMP-G5HS
RG 2A2
RC 3B2
1.0
1.0
1.0
3.0
2.5
3.0
2.5
2.5
6.0
10
1.5
3.0
2.0
5.0
10.0
10
10
10
10
10
8.0
0.5
1.0
10
10
10
50
50
50
10
50
50
20
50
50
50
50
50
50
50
50
50
100
25
100
100
12
15
12
10
10
8
8
10
4
2
8
8
10
4
4
4
4
4
2
2
2
12
10
96
97
96
98
99
97
96
98
99
98
99
97
0.6
0.44
0.6
1.0
1.0
1.2
1.2
1.0
2.1
6.5
1.2
1.2
1.0
2.1
2.1
2.1
2.1
2.1
6.5
6.5
6.5
0.6
1.0
60
60
60
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
50
5
20
0.5
0.5
0.5
0.5
0.5
0.5
0.35
0.5
3
0.2
0.5
0.5
0.5
0.5
0.5
6
0.5
0.5
0.5
0.5
0.25
0.5
0.5
100
100
100
100
100
100
100
100
150 (Tj)
100
100
100
100
150
150 (Tj)
150 (Tj)
150 (Tj)
150
100
100
100
100
100
4.0
4.0
4.0
2.0
4.0
1.0
4.0
4.0
2.0
1.8
0.4
0.4
0.7
0.7
1.2
0.6
0.5
0.5
0.5
0.5
1.0
0.1
0.07
1.3
1.3
1.3
0.8
1.3
0.4
1.3
1.3
0.8
0.7
0.18
0.18
0.3
0.3
0.4
0.25
0.2
0.25
0.2
0.2
0.4
0.05
0.035
10/10
10/10
10/10
100/100
100/100
100/100
100/100
100/100
500/500
500/500
500/500
500/500
500/500
500/500
500/500
500/500
500/500
500/500
500/500
500/500
500/500
100/100
500/500
IF/IFP
(mA)
100/200
100/200
100/200
100/200
100/200
100/200
100/200
100/200
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
500/1000
100/200
500/1000
1.0
1.0
1.0
1.1
1.3
1.5
1.5
1.3
1.5
1.6
1.8
1.8
1.7
2.0
1.8
1.6
2.8
2.4
2.4
2.7
2.0
3.5
3.6
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
–40 to +150
For CRT
Display
Compensation
For CRT
Display
Rth (j- )
Rth (j-c)
(
°C/W)
Fig.
No.
trr
(
µs)
1
trr
(
µs)
2


Similar Part No. - RH10F

ManufacturerPart #DatasheetDescription
logo
Sanken electric
RH10F SANKEN-RH10F Datasheet
26Kb / 1P
Damper Diodes (For TV)
logo
List of Unclassifed Man...
RH10FTN104 ETC-RH10FTN104 Datasheet
725Kb / 9P
Thick Film High Voltage Chip Resistors
RH10FTN4993 ETC-RH10FTN4993 Datasheet
725Kb / 9P
Thick Film High Voltage Chip Resistors
More results

Similar Description - RH10F

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BY558 PHILIPS-BY558 Datasheet
66Kb / 8P
Damper diodes
1998 Jun 25
logo
Vishay Siliconix
BYS459-1500 VISHAY-BYS459-1500 Datasheet
47Kb / 3P
High Voltage Damper Diodes
25-Jul-02
logo
Rugao Dachang Electroni...
RU4D DACHANG-RU4D_15 Datasheet
123Kb / 2P
Damper Diodes
RU4DS DACHANG-RU4DS_15 Datasheet
123Kb / 2P
Damper Diodes
BY228 DACHANG-BY228_15 Datasheet
120Kb / 2P
Damper Diodes
FR309 DACHANG-FR309_15 Datasheet
120Kb / 2P
Damper Diodes
logo
SiPower Inc.
TBY228 SIPOWER-TBY228 Datasheet
267Kb / 2P
Damper Diodes
TBY328 SIPOWER-TBY328 Datasheet
270Kb / 2P
Damper Diodes
TE2513 SIPOWER-TE2513 Datasheet
274Kb / 2P
Damper Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com