Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3FS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RS3FS
Description  Damper Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RS3FS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RS3FS Datasheet HTML 1Page - List of Unclassifed Manufacturers RS3FS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
99
FMP-G5HS
FMU-G2FS
10
20
50
40
30
0
1
5
50
10
20ms
50
10
1
0.1
0.001
0.01
0
1.0
2.0
3.0
Ta 125
°C
=
60
°C
100
°C
25
°C
0
0
24
6
4
8
12
16
20
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
8
T
t
T
150
°C
=
j
90
0
150
2
4
8
6
130
140
120
110
100
t / T 1/6
=
t / T 1/2
=
D.C.
t / T 1/ 3, Sinewave
=
FMQ-G5FMS
FMQ-G5GS
10
20
50
40
30
0
1
5
50
10
20ms
10
20
50
40
30
0
1
5
50
10
20ms
50
10
1
0.1
0.001
0.01
0
0.5
1.0
1.5
2.0
3.0
2.5
Ta 125
°C
=
60
°C
100
°C
25
°C
80
0
90
100
150
2
8
4
10
6
130
140
110 120
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
0
0
24
6
8
5
10
15
20
25
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
10
50
10
1
0.1
0.001
0.01
0
0.5
1.0
1.5
2.0
2.5
3.5
3.0
Ta 125
°C
=
60
°C
100
°C
25
°C
40
0
60
80
160
140
2
4
8
6
10
120
100
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
T
t
T
150
°C
=
j
0
0
24
6
8
10
20
30
40
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
10
T
t
T
150
°C
=
j
0
0.4
0.8
1.6
1.2
2.2
2.0
0.001
1
0.1
0.01
10
100
0
400
800
1200
1600
0.001
1
0.1
0.01
10
02
4
6
8
10
0
5
10
15
20
25
t / T = 1/ 3, Sinewave
t/ T =1/2
D.C.
t/ T =1/6
T
t
Tj =150ºC
0
50
100
150
0
2
4
6
8
VR=1500V
10
T
t
Tj =150ºC
t/ T =1/2
D.C.
t/ T =1/3
t/ T =1/6
Sinewave
Ta =150
°C
100
°C
60
°C
R.T
Ta =150
°C
100
°C
60
°C
R. T
FMR-G5HS
10
20
50
40
30
0
1
5
50
10
20ms
50
10
1
0.1
0.001
0.01
0
0.5
1.0
1.0
1.5
2.0
Ta 125
°C
=
60
°C
100
°C
25
°C
0
0
24
6
8
4
8
12
16
20
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
10
T
t
T
150
°C
=
j
100
0
110
150
2
4
8
6
10
140
130
120
t / T 1/6
=
t / T 1/2
=
D.C.
t / T 1/ 3, Sinewave
=
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
Case Temperature Tc
(
°C)
Tc— IF (AV) Derating
Forward Voltage VF (V)
VF —IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
IF(AV)—PF Characteristics
Average Forward Current IF(AV) (A)
Characteristic Curves
Damper Diodes



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com