Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V732 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V732
Description  60mA Audio Power Amp
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V732 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V732 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V732 Datasheet HTML 7Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics
VSS=0V; fi=1kHz; RL=32
W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Supplies
VDD
Supply Voltage
5V
¾
¾¾¾
V
Single
3.0
5.0
6.0
Dual
1.5
2.5
3
VSS
Negative Supply Voltage
5V
¾-1.5
-2.5
-3
V
IDD
Supply Current
5V
No load
¾
35
mA
Ptot
Total Power Dissipation
5V
No load
¾
15
25
mW
DC Characteristics
VI(OS)
Input Offset Voltage
5V
¾¾
10
¾
mV
Ibias
Input Bias Current
5V
¾¾
10
¾
pA
VCM
Common Mode Voltage
5V
¾
0
¾
3.5
V
GV
Open-loop Voltage Gain
5V
RL=5k
W¾
70
¾
dB
IO
Maximum Output Current
5V
(THD+N)/S<0.1%
¾
60
¾
mA
RO
Output Resistance
5V
¾¾
0.25
¾W
VO
Output Voltage swing
5V
RL=32
W *
0.75
¾
4.25
V
RL=16
W *
1.5
¾
3.5
RL=5k
W *
0.1
¾
4.9
PSRR
Power Supply Rejection Ratio
5V
Fi=100Hz; Vripple(p-p)=100mV
¾
90
¾
dB
aCS
Channel Separation
5V
¾¾
70
¾
dB
CL
Load Capacitance
5V
¾¾
¾
200
pF
AC Characteristics
(THD+N)/S
Total Harmonic Distortion Plus
Noise-to-signal Ratio
5V
VO(P-P)=3.5V **
¾-70
¾
dB
¾
0.03
¾
%
S/N
Signal-to-noise Ratio
5V
¾¾
100
¾
dB
fG
Unity Gain Frequency
5V
Open-loop; RL=5k
W¾
5.5
¾
MHz
PO
Maximum Output Power
5V
(THD+N)/S<0.1%
¾
60
¾
mW
Ci
Input Capacitance
5V
¾¾
3
¾
pF
SR
Slew Rate
5V
Unity gain inverting
¾
5
¾
V/
ms
B
Power Bandwidth
5V
Unity gain inverting
¾
20
¾
kHz
Note:
²*² Values are proportional to VDD; (THD+N)/S<0.1%
²**² VDD=5V, VO(P-P)=3.5V (at odB)
HT82V732
Rev. 1.00
2
October 29, 2002



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com