Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CK45-R3AD471KANRA Datasheet(PDF) 1 Page - TDK Electronics

Part # CK45-R3AD471KANRA
Description  Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

CK45-R3AD471KANRA Datasheet(HTML) 1 Page - TDK Electronics

  CK45-R3AD471KANRA Datasheet HTML 1Page - TDK Electronics CK45-R3AD471KANRA Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
1 of 2
Creation Date : December 18, 2017 (GMT)
CK45-R3AD471KANRA
Applications
Automotive Grade
Feature
High
High Voltage (1000V and over)
Low D
Low Dissipation
Halogen-free
Halogen-free
AEC-Q200
AEC-Q200
Series
CK45-RR
Status
Production
Size
Diameter(D)
8.50mm Max.
Thickness(T)
5.00mm Max.
Lead Gap(F)
5.00mm ±1.50mm
Lead Diameter(d)
0.60mm ±0.05mm
Electrical Characteristics
Capacitance
470pF ±10%
Rated Voltage
1kVDC
Withstanding Voltage
4kVDC
Temperature Characteristic
R(+15,-30%)
Dissipation Factor (Max.)
0.2%
Insulation Resistance (Min.)
10000MΩ
Other
Soldering Method
Wave (Flow)
Iron Soldering
Lead Length / Package Type
5mm for Bulk
AEC-Q200
Yes
Package Quantity
1000pcs
! Images are for reference only and show exemplary products.
! This PDF document was created based on the data listed on the TDK Corporation website.
! All specifications are subject to change without notice.
Copyright(c) TDK Corporation. All rights reserved.


Similar Part No. - CK45-R3AD471KANRA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CK45-R3AD471KAGRA TDK-CK45-R3AD471KAGRA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD471KAVRA TDK-CK45-R3AD471KAVRA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results

Similar Description - CK45-R3AD471KANRA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CD45-B2GA101K-GKA TDK-CD45-B2GA101K-GKA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA101K-NKA TDK-CD45-B2GA101K-NKA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45-B2GA331K-NKA TDK-CD45-B2GA331K-NKA Datasheet
125Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CD45SL2GA470J-GKA TDK-CD45SL2GA470J-GKA Datasheet
122Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD102KAGRA TDK-CK45-R3AD102KAGRA Datasheet
127Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAGRA TDK-CK45-R3AD151KAGRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD151KAVRA TDK-CK45-R3AD151KAVRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD152KAGRA TDK-CK45-R3AD152KAGRA Datasheet
124Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD221KAGRA TDK-CK45-R3AD221KAGRA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
CK45-R3AD221KANRA TDK-CK45-R3AD221KANRA Datasheet
126Kb / 2P
Disc Type Capacitors with Lead (High Voltage Ceramic Capacitors)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com