Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC-HZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DAC-HZ
Description  12-Bit, Industry-Standard Digital-to-Analog Converters
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DAC-HZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DAC-HZ Datasheet HTML 1Page - List of Unclassifed Manufacturers DAC-HZ Datasheet HTML 2Page - List of Unclassifed Manufacturers DAC-HZ Datasheet HTML 3Page - List of Unclassifed Manufacturers DAC-HZ Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DAC-HZ Series
®
®
DAC-HZ12B
DAC-HZ12D
INPUTS
(BINARY)
(BCD)
Resolution
12 binary bits
3 BCD digits
Coding, Unipolar Output
Comp. binary
Comp. BCD
Coding, Bipolar Output
Comp. off. binary
—
Input Logic Level, Bit ON ("0")
0V to +0.8V at –1mA
Input Logic Level, Bit OFF ("1")
+2.4V to +5.5V at +40
µA
Logic Loading
1 TTL load
PERFORMANCE ➀
Voltage Output Nonlinearity
±1/2LSB max.
±1/4LSB max.
Differential Nonlinearity
±3/4LSB max
±1/4LSB max.
Gain Error, Before Trimming
±0.1% ➁
∗
Zero Error, Before Trimming
±0.1% of FSR ➁
∗
Gain Tempco, maximum
±20ppm/°C
∗
Zero Tempco, Unipolar, max.
±3ppm/°C of FSR
∗
Offset Tempco, Bipolar, max.
±10ppm/°C of FSR
∗
Diff. Nonlinearity Tempco, max.
±2ppm/°C of FSR
∗
Monotonicity
Over oper. temp. range
∗
Settling Time, IOUT to ±1/2LSB ➂
300ns
∗
Settling Time, VOUT to ±1/2LSB
3
µs ➃
∗
Slew Rate
±10V/
µs
∗
Power Supply Rejection
±0.006%FSR/%Sup.
∗
OUTPUTS
Output Current, Unipolar
0 to –2mA, ±20%
0 to –1.25mA, ±10%
Output Current, Bipolar
±1mA, ±20%
—
Compliance Voltage, IOUT
±2.5V
∗
Output Impedance, IOUT, Unipolar
2k
Ω∗
Output Impedance, IOUT, Bipolar
2k
Ω
—
Output Voltage Ranges, Unipolar
0 to +5V
0 to +2.5V
0 to +10V
0 to +5V
0 to +10V
Output Voltage Ranges, Bipolar
±2.5V
—
±5V
—
±10V
—
Output Current, VOUT
±5mA min.
∗
Output Impedance, VOUT
0.05
Ω∗
POWER REQUIREMENTS
Power Supply Voltages
+15V, ±0.5V at 16mA
–15V, ±0.5V at 20mA
±12V operation ➄
Power Dissipation, maximum
500mW
PHYSICAL ENVIRONMENTAL
Operating Temp. Ranges, Case
0°C to +70° and –55°C to +125°C
Storage Temp. Range
–65°C to +150°C
Thermal Impedance
θjc
7.4°C/W
θca
36.6°C/W
Package Type
24-pin DDIP
Weight
0.22 ounces (6.3 grams)
ABSOLUTE MAXIMUM RATINGS
Positive Supply, Pin 22
+18V
Negative Supply, Pin 14
–18V
Digital Input Voltage, Pins 1–12
+5.5V
Output Current, Pin 15
±20mA
Lead Temperature (soldering, 10s)
300°C
FUNCTIONAL SPECIFICATIONS
(Typical at +25°C and ±15V supplies unless otherwise noted.)
* Specifications same as first column.
— No equivalent specifications
Footnotes
➀ FSR is full-scale range and is 10V for 0 to +10V or –5V to +5V outputs, 20V for
±10V output, etc.
➁ Initial gain and offset errors are trimmable to zero. See Connection Diagrams.
➂ Current output mode.
➃ For 2.5k
Ω or 5kΩfeedback. For 10kΩfeedback, the settling time is 4µs.
➄ For ±12V operation of binary models, contact factory.
TECHNICAL NOTES
1. The DAC-HZ12 Series converters are designed and factory
calibrated to give ±1/2LSB linearity (binary version) and
±1/4LSB linearity (BCD version) with respect to a straight
line between end points. This means that if zero and full
scale are exactly adjusted externally, the relative accuracy
will be ±1/2LSB (±1/4LSB, BCD version) everywhere over
the full output range without any additional adjustments.
2. These converters must be operated with local supply by-
pass capacitors from +15V to ground and –15V to ground.
Tantalum type capacitors of 1µF are recommended and
should be mounted as close as possible to the converter.
If the converters are used in a high-frequency noise
environment, a 0.01µF ceramic capacitor should be used
across each tantalum capacitor.
3. When operating in the current output mode, the equivalent
internal current source of 2mA (1.25mA, BCD) must drive
both the internal source resistances and the external load
resistor. A 300ns output settling time is achieved for the
voltage across a 100
Ω load resistor; for higher value
resistors the settling time becomes longer due to the output
capacitance of the converter. For fastest possible voltage
output for a large transition, an external fast-settling
amplifier such as DATEL’s AM-500 should be used in the
inverting mode. Settling time of less than 1µs can be
achieved. See application diagram.
CALIBRATION PROCEDURE
1. Select the desired output range and connect the converter
as shown in the Output Range Selection tables and the
connection diagrams.
2. To calibrate, refer to the coding tables. Note that
complementary coding is used.
3. Zero and Offset Adjustments
For unipolar operation set all digital inputs to "1" (+2.0 to
+5.5V) and adjust the ZERO ADJUST potentiometer for
zero output voltage or current. For bipolar operation set all
digital inputs to "1" and adjust the OFFSET ADJUST
potentiometer for the negative full scale (for voltage out) or
positive full scale (for current out) output value shown in the
coding table.
4. Gain Adjustment
Set all digital inputs to "0" (0V to +0.8V) and adjust the
GAIN ADJUST potentiometer for the positive full scale (for
voltage out) or negative full scale (for current out) output
value shown in the coding table.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com