Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL79 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL79
Description  High Voltage Silicon Rectifier Dio
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL79 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL79 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL79 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL79
5.0mA 25kV 100nS--High Voltage Silicon Rectifier Diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-08 1 / 2
INTRODUCE:
SHAPE DISPLAY:
HVGT high voltage silicon rectifier diodes is made
of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SIZE: (Unit:mm)
:
HVGT NAME: DO-312
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 0.30 grams (approx).
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
TA=25°C
25
kV
Average Forward Current Maximum
IFAVM
TA=25°C
5.0
mA
TOIL=--°C
--
mA
Suege Current
IFSM
TA=25°C; Half-Sine Wave; 8.3mS
0.5
A
Junction Temperature
TJ
-40~+125
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+125
°C
ELECTRICAL CHARACTERISTICS: TA=25°C (Unless Otherwise Specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C; at IF(AV)
50
V
Maximum Reverse Current
IR1
at 25°C; at VRRM
2.0
uA
IR2
at 100°C; at VRRM
5.0
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
1.0
pF


Similar Part No. - 2CL79

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79 Datasheet
101Kb / 1P
25kV 5mA HIGH VOLTAGE DIODES
logo
SUNMATE electronic Co.,...
2CL79 SUNMATE-2CL79 Datasheet
213Kb / 1P
HIGH VOLTAGE RECTIFIER DIODES
logo
Shanghai Leiditech Elec...
2CL79 LEIDITECH-2CL79 Datasheet
479Kb / 8P
The present specifications shall apply to plastic sealed high voltage Diode 2CL79
logo
GETAI ELECTRONICS DEVIC...
2CL79 GETEDZ-2CL79_16 Datasheet
136Kb / 1P
5mA 30kV 100nS-HIGH VOLTAGE DIODES
More results

Similar Description - 2CL79

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
High Voltage Silicon Rectifier
logo
List of Unclassifed Man...
USB-PDISO8 ETC-USB-PDISO8 Datasheet
1Mb / 10P
USB DIO High Voltage and Relay
June 2021. Rev 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com