Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL82 Datasheet(PDF) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # 2CL82
Description  5.0mA 30kV 100nS--High Voltage Silicon Rectifier Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

2CL82 Datasheet(HTML) 2 Page - GETAI ELECTRONICS DEVICE CO., LTD

  2CL82_17 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD 2CL82_17 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2CL82
5.0mA 30kV 100nS--High Voltage Silicon Rectifier Diode
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017-08 2 / 2
Fig1
Fig2
Forward Characteristics
Reverse Characteristics
Fig3
Fig4
VR‐IF(AV) Curve
IF(AV)‐fH Curve
Marking
Type
Code
Cathode Mark
2CL82



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com